Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD141DR Datasheet(PDF) 2 Page - LightGraphix

Part # LD141DR
Description  DEEP RECESSED COMPACT EXTERIOR RECESSED LED UPLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD141DR Datasheet(HTML) 2 Page - LightGraphix

  LD141DR Datasheet HTML 1Page - LightGraphix LD141DR Datasheet HTML 2Page - LightGraphix LD141DR Datasheet HTML 3Page - LightGraphix LD141DR Datasheet HTML 4Page - LightGraphix LD141DR Datasheet HTML 5Page - LightGraphix LD141DR Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LD141DR
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 6 | Data sheet issued: 22 May 2026
WHITE LED ENGINE SPECIFICATION
Engine
E3
F1
Beam angles
12°, 19°
25°
LED manufacturer
NICHIA
CREE
Colour temperature*
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
Current [Rated Output]
350mA [5W]
500mA [7W]
350mA [3.5W]
500mA [5W]
Typical LED Circuit wattage
4.4W
6.4W
3.3W
5W
Delivered lumens (L100)*
336
440
208
268
Delivered lm/Circuit W**
76
68
63
54
Typical LED Source wattage
4W
5.8W
3W
4.5W
Source LED lm
574
740
377
497
Source lm/W
144
128
126
110
Forward voltage (V100)
11.3V
11.6V
8.7V
9V
CRI
85
90
Colour consistency
2SDCM
3SDCM
Peak intensity**
4,513 cd
1,810 cd
LOR
0.59
0.54
TM30
RF88 | RG99
RF93 | RG99
UGR rating (‘downlight’ mounted) ***
3.2
4.1
4.1
5.1
BUG rating (‘uplight’ mounted)
B0-U3-G0
B0-U3-G0
LED lifetime
L90B5 at 90,000hrs
L90B5 at 90,000hrs
Applications
This data is based on LD141DRX-E3-500-NB and LD141DRX-F1-500/MSB/LW30
*Lumen output data applies to all E3 colour temperatures, for F1, please see lumen variance table to the right
**Indicates the nominal power for the LED run at that aprticular current and includes losses associated with using an 85% efficient driver
***UGR values based on room parameter of 4H 8H, C70 W50 F20
Lumen variance by CCT
2200K
-7%
2700K
+/- 0%
4000K
+7%
5000K
+16%
MECHANICAL
350mA
500mA
Ambient temperature
55°C
E3
Soil/Sleeve
-20°C to 55°C
-20°C to 40°C
Concrete
-20°C to 55°C
-20°C to 55°C
F1
Soil/Sleeve
-20°C to 55°C
-20°C to 40°C
Concrete
-20°C to 55°C
-20°C to 55°C
Glass
6mm toughened glass with ceramic screen print
Materials
Black Anodised aluminium, stainless steel bezel
Weight of product
0.32kg
IP rating
IP67
IK rating
IK08
Wiring
In-series constant current wiring (pre-wired with 2-core exterior cable at a length of 250mm)
ENVIRONMENTAL
TM65
Available on request
TM66
2.7
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com