Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD151 Datasheet(PDF) 2 Page - LightGraphix

Part # LD151
Description  HIGH-POWER INTERIOR/EXTERIOR LED UPLIGHT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD151 Datasheet(HTML) 2 Page - LightGraphix

  LD151 Datasheet HTML 1Page - LightGraphix LD151 Datasheet HTML 2Page - LightGraphix LD151 Datasheet HTML 3Page - LightGraphix LD151 Datasheet HTML 4Page - LightGraphix LD151 Datasheet HTML 5Page - LightGraphix LD151 Datasheet HTML 6Page - LightGraphix LD151 Datasheet HTML 7Page - LightGraphix LD151 Datasheet HTML 8Page - LightGraphix LD151 Datasheet HTML 9Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LD151
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 9 | Data sheet issued: 21 May 2026
Engine
E3
F1
Beam angles
12°, 19°, 34°, 54°, 15°x 49°
25°, 35°, 52°, 17° x 48°
LED manufacturer
NICHIA
CREE
Colour temperature
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
Current [Rated Output]
350mA [5W]
500mA [7W]
700mA [10W]
350mA [3.5W]
500mA [5W]
700mA [7W]
Typical LED Circuit wattage
4.4W
6.4W
9.2W
3.3W
5W
7.2W
Delivered lumens (L100)*
363
477
647
211
272
348
Delivered lm/Circuit W**
82
74
70
63
54
48
Typical LED Source wattage
4W
5.8W
8.3W
3W
4.5W
6.5W
Source LED lm
574
740
949
377
497
654
Source lm/W
144
128
114
126
110
101
Forward voltage (V100)
11.3V
11.6V
11.8V
8.7V
9V
9.3V
CRI
85
90
Colour consistency
2 SCDM
3 SCDM
Peak intensity
4,346 cd
1,664 cd
LOR
0.68
0.53
TM30
RF93 | RG101
RF90 | RG103
UGR rating
5.2
6.3
7.1
7.4
8.3
9.1
BUG rating (‘uplight’ mounted)
B0-U3-G0
B0-U3-G0
B0-U4-G0
B0-U3-G0
LED lifetime
L90B5 at 90,000hrs
Applications
These values are based around a LD151-E3-700-LW30-NB & LD151-F1-700-LW22-MSB
*Lumen output data applies to all colour temperatures
**LED wattage includes losses assocaited with using a 90% efficient driver
***UGR values based on room parameters of 4H 8H, C70 W50 F20
WHITE LED ENGINE SPECIFICATION
ENVIRONMENTAL
TM65
Available on request
TM66
2.7
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back
products to us for repair or refurbishment to extend their life without having to buy new fittings.
Lumen variance by CCT
2700K
+/- 0%
4000K
+7%
5000K
+16%
MECHANICAL
350mA
500mA
700mA
Ambient temperature
55°C
E3
Soil/Sleeve
-20°C to 55°C
-20°C to 50°C
-20°C to 35°C
Concrete
-20°C to 55°C
-20°C to 55°C
-20°C to 55°C
F1
Soil/Sleeve
-20°C to 55°C
-20°C to 55°C
-20°C to 50°C
Concrete
-20°C to 55°C
-20°C to 55°C
-20°C to 55°C
Glass
6mm thick toughened glass with black ceramic screen print
Materials
Stainless steel bezel, anodised aluminium body
Weight of product
0.52kg
IP rating
IP67
IK rating
IK08
Wiring
In-series constant current wiring (pre-wired with 2-core exterior cable at a length of 250mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com