Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD153 Datasheet(PDF) 2 Page - LightGraphix

Part # LD153
Description  HIGH-POWER INTERIOR/EXTERIOR LED UPLIGHT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD153 Datasheet(HTML) 2 Page - LightGraphix

  LD153 Datasheet HTML 1Page - LightGraphix LD153 Datasheet HTML 2Page - LightGraphix LD153 Datasheet HTML 3Page - LightGraphix LD153 Datasheet HTML 4Page - LightGraphix LD153 Datasheet HTML 5Page - LightGraphix LD153 Datasheet HTML 6Page - LightGraphix LD153 Datasheet HTML 7Page - LightGraphix LD153 Datasheet HTML 8Page - LightGraphix LD153 Datasheet HTML 9Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LD153
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
2 of 9 | Data sheet issued: 12 January 2026
Engine
E3
F1
Beam angles
12°, 19°, 34°, 54°, 49° x 15°
25°, 46°, 65°, 43° x 25°
LED manufacturer
NICHIA
CREE
Colour temperature*
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
Current
350mA [5W]
500mA [7W]
700mA [10W]
350mA [3.5W]
500mA [5W]
700mA [7W]
LED power (Max)***
4.2W
6W
8.4W
3.2W
4.5W
6.3W
Delivered lumens (L100)****
363
477
647
211
272
348
Lumens per circuit watt
73
68
65
61
55
50
CRI (Typ)
85
90
Forward voltage (V100)
14V
9V
Colour consistency
2 SDCM
3 SDCM
Peak intensity
6890 cd
1664 cd
LED lumens
840
623
LOR
0.77
0.63
TM30
RF85
RG98
RF90
RG103
UGR*****
7.0
9.1
LED lifetime
L90B5 at 90,000hrs
Applications
These values are based around a LD153-E3-700-LW30-NB & LD153-F1-700-LW22-MSB
*Lumen output data applies to all colour temperatures
**Can only be specified with /483N concrete housing
***Indicates the nominal power for the LED run at that particular current and includes losses associated with using an 85% efficient driver
****Lumen output indicated is without the glare shield. Allow 30% less with the /GS glare shield.
**** UGR values based on room parameters of 4H 8H, C70 W50 F20
Ambient Temperature
-20° to 45° (500mA) or -20° to 35° (700mA)
Glass
6mm thick toughened glass with black ceramic screen print
Materials
Stainless steel bezel, anodised aluminium body
Weight of product
0.52kg
IP rating
IP67
IK rating
IK08
Wiring
In-series constant current wiring (pre-wired with 2 core cable at a length of 250mm)
MECHANICAL
WHITE LED ENGINE SPECIFICATION
ENVIRONMENTAL
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com