Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD60 Datasheet(PDF) 1 Page - LightGraphix

Part # LD60
Description  MINIATURE LED UPLIGHT AND WALL LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD60 Datasheet(HTML) 1 Page - LightGraphix

  LD60 Datasheet HTML 1Page - LightGraphix LD60 Datasheet HTML 2Page - LightGraphix LD60 Datasheet HTML 3Page - LightGraphix LD60 Datasheet HTML 4Page - LightGraphix LD60 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LD60
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 1 of 5 | Data sheet issued: 8 April 2026
LD60
>
Larger bezel to hide damage that might caused to the delicate surrounding surfaces
when drilling hole cut-out
>
Can be specified with frosted glass for indicator applications, a wide beam works
best for this effect
>
Machined from a solid billet of stainless steel 316
>
No visible fixings. Fixing options include O-rings and a first fix sleeve or bonding
directly into the mounting surface
>
Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
>
Not designed for permanent submersion, please use our LD242A
>
Available with Switch, 0-10V, DMX, Dali or Mains dimmable drivers
KEY FEATURES
DIMENSIONS
For fixings and dimensions please go to page 3.
Ø28
Ø28
40
Ø44
Ø44
MINIATURE LED UPLIGHT AND WALL LIGHT
LD60
With a slightly larger bezel than the LD41, the LD60 completely
covers the first fix sleeve. This is a robust, versatile fitting with
a 5mm thick glass and no visible fixings, available in a choice of
colour temperatures. It can be run up to 1.7W, and comes with
a range of beam angles making it suitable for a wide range of
applications.


Similar Part No. - LD60

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
0.60 inch Single Digit 7 Segment LED Display
LD6011AD LIGHTKEY-LD6011AD Datasheet
160Kb / 3P
0.60 inch Single Digit 7 Segment LED Display
LD6011AG LIGHTKEY-LD6011AG Datasheet
160Kb / 3P
0.60 inch Single Digit 7 Segment LED Display
LD6011AO LIGHTKEY-LD6011AO Datasheet
160Kb / 3P
0.60 inch Single Digit 7 Segment LED Display
LD6011APG LIGHTKEY-LD6011APG Datasheet
160Kb / 3P
0.60 inch Single Digit 7 Segment LED Display
More results

Similar Description - LD60

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5200-222 CML-5200-222 Datasheet
30Kb / 1P
Miniature Relampable Indicator Light
logo
Nihon Kaiheiki Industry...
EB2011-A-J20 NKK-EB2011-A-J20 Datasheet
327Kb / 9P
Light Touch Miniature Pushbuttons
logo
List of Unclassifed Man...
EB2011-A-J40 ETC2-EB2011-A-J40 Datasheet
222Kb / 8P
Light Touch Miniature Pushbuttons
logo
PETERMANN-TECHNIK
SMD01612 PETERMANN-SMD01612_15 Datasheet
660Kb / 4P
Ultra miniature size and light weight
logo
Marktech Corporate
MTLR-EZ500-450 MARKTECH-MTLR-EZ500-450 Datasheet
2Mb / 2P
EZ500 Miniature Light Ring
MTLR-EZ500-460 MARKTECH-MTLR-EZ500-460 Datasheet
2Mb / 2P
EZ500 Miniature Light Ring
MTLR-EZ500-470 MARKTECH-MTLR-EZ500-470 Datasheet
2Mb / 2P
EZ500 Miniature Light Ring
MTLR-EZ500-527 MARKTECH-MTLR-EZ500-527 Datasheet
2Mb / 2P
EZ500 Miniature Light Ring
MTLR-WZ700-N MARKTECH-MTLR-WZ700-N Datasheet
1Mb / 3P
WZ700 Miniature Light Ring
MTLR-WZ700-W MARKTECH-MTLR-WZ700-W Datasheet
1Mb / 3P
WZ700 Miniature Light Ring
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com