Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD63 Datasheet(PDF) 2 Page - LightGraphix

Part # LD63
Description  LED Mirror light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD63 Datasheet(HTML) 2 Page - LightGraphix

  LD63 Datasheet HTML 1Page - LightGraphix LD63 Datasheet HTML 2Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 2
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 14 December 2021
LD63
LED Mirror Lamp
Order Codes and Options
Dimensions
Photometric files are included in the design pack which can be downloaded
from the LD63 product page on the website.
Photometrics
Cross Section View
LD63-C1- 350
- 500
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
Ø38
3.5
24
Cut-Out
Ø32
Ø27
48
Ø20
Top view
Cross Section View
Side view
30
Product code
LED colour
Finish
Example: LD63-C1-350 / LW30 / Chrome
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
Ø38
3.5
24
Cut-Out
Ø32
Ø27
48
Ø20
Top view
Cross Section View
Side view
30
3.5
24
Cut-Out
Ø32
Ø38
Top View
Side View
Ø27
48
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
Ø38
3.5
24
Cut-Out
Ø32
Ø27
48
Ø20
Top view
Cross Section View
Side view
30
Ø20
IP65
Product codes with output options
1.2W LED at 350mA
LD63-C1-350
1.7W LED at 500mA (recommended)
LD63-C1-500
LED colour options
Super Warm White (2200K)
/LW22
Extra Warm White (2700K)
/LW27
Warm White (3000K)
/LW30
White (4000K) - on request
/LW40
Cool White (5000K)
/LW50
Amber
/LA
Blue
/LB
Green
/LG
Red
/LR
*Other LED colour temperatures are available. Please speak to a member of our sales team.
Finish options
Bezel - Chrome / paint finish silver/ white (RAL 9016) / RAL finish
(please see our finishes guide for other applicable finishes)
Use with 350mA and 500mA constant current LED drivers
For our complete range of LED drivers please download the data sheet from the downloads
section at www.lightgraphix.co.uk
To run 1-14 LD63-C1-350 in series use a TXDEL350D (0-10V dimmable)
To run 1-14 LD63-C1-500 in series use a TXDEL500D (0-10V dimmable)
30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com