Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD65 Datasheet(PDF) 2 Page - LightGraphix

Part # LD65
Description  MINIATURE IN GROUND LED PATH MARKER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD65 Datasheet(HTML) 2 Page - LightGraphix

  LD65 Datasheet HTML 1Page - LightGraphix LD65 Datasheet HTML 2Page - LightGraphix LD65 Datasheet HTML 3Page - LightGraphix LD65 Datasheet HTML 4Page - LightGraphix LD65 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LD65
Data sheet issued: 8 April 2026
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD65
WHITE LED ENGINE SPECIFICATION
WHITE LED ENGINE SPECIFICATION
Engine
C1
Beam angles
120°
LED manufacturer
NICHIA
Colour temperature
2200K / 2700K / 3000K / 4000K / 5000K
Current [Rated Output]
350mA [1.2W]
500mA [1.7W]
Typical LED Circuit wattage
1.1W
1.6W
Delivered lumens (L100)*
50
64
Delivered lm/Circuit W**
46
40
Typical LED Source wattage
1W
1.5W
Source LED lm
133
187
Source lm/W
136
129
Forward voltage (V100)
2.8V
2.9V
CRI
93
Colour consistency
2 SCDM
Peak intensity
31 cd
LOR
0.34
TM30
RF93 | RG98
UGR rating (‘downlight’ mounted)
17
18
BUG rating (‘uplight’ mounted)
B0-U2-G0
LED lifetime
L90B5 at 90,000hrs
Applications
This data is based on an LD65-C1-500-LW27
*LED wattage includes losses assocaited with using a 90% efficient driver
**Lumen output data applies to all colour temperatures.
ENVIRONMENTAL
TM65
Available on request
TM66
2.6
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
RLE
(REPLACEABLE LIGHT ENGINE)
Visit page 4 for replacement parts
1
MECHANICAL
350mA
500mA
Ambient temperature
55°C
-20°C to 55°C
-20°C to 50°C
Materials
Machine finish 316 stainless steel
IP rating
IP67
IK rating
IK10
Wiring*
Comes pre-wired with 2 core 100mm lead, can be specified with up to 10m at extra cost



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com