Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD71M Datasheet(PDF) 2 Page - LightGraphix

Part # LD71M
Description  Miniature Adjustable Low Glare LED Downlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD71M Datasheet(HTML) 2 Page - LightGraphix

  LD71M Datasheet HTML 1Page - LightGraphix LD71M Datasheet HTML 2Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 2
LD71M
Miniature Adjustable Low Glare LED Downlight
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 16 June 2023
LED colour options
Suffix
Super Warm White (2200K)
/LW22
Extra Warm White (2700K)
/LW27
Warm White (3000K)
/LW30
White (4000K) - on request
/LW40
Cool White (5000K)
/LW50
Blue
/LB
Green
/LG
Red
/LR
Amber
/LA
*Other LED colour temperatures are available. Please speak to a member of our sales team.
Product codes with output options
1.2W LED at 350mA
LD71M-C1-350
1.7W LED at 500mA
LD71M-C1-500
2.4W LED at 700mA
LD71M-C1-700
Order Codes and Options
Product code
Example: LD71M-C1-700 / LW30 / MB / IP54 / White
Beam / lens angle options
12° narrow spot
/NB
31° medium
/MB
48° wide
/WB
Use with 350mA, 500mA & 700mA constant current LED drivers
We have a wide range of dimmable LED drivers, 0-10V, DMX, DALI and mains dimmable.
Please see the downloads section on our website:
To run 1-14 LD71M-C1-350 in series use a TXDEL350D (0-10V dimmable)
To run 1-14 LD71M-C1-500 in series use a TXDEL500D (0-10V dimmable)
To run 1-13 LD71M-C1-700 in series use a TXDEL700D (0-10V dimmable)
IP Rating
IP40 (dry internal use as standard)
/IP40
IP54 rated for moist environments
/IP54
Bezel finish options
Paint finish silver / white (RAL 9016) / antique bronze / satin antique brass / satin brass /
black (RAL 9005) / anthracite grey (RAL 7016) / RAL finish
Chrome finish (minimum order - please contact us)
IP54 rated version includes a glass front and a gasket that sits between the
heat-sink and the bezel
Dimensions and Fixing Options
Photometric files are included in the design pack which can be downloaded
from the LD71M product page on the website.
Photometrics
- 350
- 500
- 700
LD71M-C1
LED
colour
Beam
angle
IP Rating
Finish
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
Ø42
28
34
10
Ø38
Cut-out
25° Tilt
1.2
41
Min
recess
36
/IP54 rated version includes a glass front
and a gasket that sits between the
heat-sink and the bezel
Max 14mm*
14mm*
*For mounting surfaces over 14mm,
use the detail below to allow for full
fitting adjustment
43
MIN
Recess
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
Ø42
28
34
10
Ø38
Cut-out
25° Tilt
1.2
41
Min
recess
36
/IP54 rated version includes a glass front
and a gasket that sits between the
heat-sink and the bezel
Max 14mm*
14mm*
*For mounting surfaces over 14mm,
use the detail below to allow for full
fitting adjustment
43
MIN
Recess
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
Ø42
28
34
10
Ø38
Cut-out
25° Tilt
1.2
41
Min
recess
36
/IP54 rated version includes a glass front
and a gasket that sits between the
heat-sink and the bezel
Max 14mm*
14mm*
*For mounting surfaces over 14mm,
use the detail below to allow for full
fitting adjustment
43
MIN
Recess
Ø42
Ø42
36
36
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
Ø42
28
34
10
Ø38
Cut-out
25° Tilt
1.2
41
Min
recess
36
/IP54 rated version includes a glass front
and a gasket that sits between the
heat-sink and the bezel
Max 14mm*
14mm*
*For mounting surfaces over 14mm,
use the detail below to allow for full
fitting adjustment
43
MIN
Recess
14mm*
14mm*
*For mounting surfaces over 14mm, use the detail below to allow for full fitting
adjustment
Ø38
Ø38
Cut-out
Cut-out
34
34
10
10
Ø28
Ø28
41
41
Min
Min
Recess
Recess
1.2
1.2
25° Tilt
25° Tilt
Min 1.5mm
Min 1.5mm
Max 14mm*
Max 14mm*
43
43
Min
Min
recess
recess



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com