Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD81 Datasheet(PDF) 2 Page - LightGraphix

Part # LD81
Description  High Power Miniature LED spotlight with Mounting Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD81 Datasheet(HTML) 2 Page - LightGraphix

  LD81 Datasheet HTML 1Page - LightGraphix LD81 Datasheet HTML 2Page - LightGraphix LD81 Datasheet HTML 3Page - LightGraphix LD81 Datasheet HTML 4Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 18 April 2017
LD81
High Power Miniature LED spotlight with Mounting Systems
Data sheet - Page 2
Mounting Options and Dimensions
Stem Mounting Methods
/M1
Method 1 - for fixing to the base of a cabinet, with cables exiting from the M8
all-thread stud. Specify stem length, number of spotlights and spacing.
/M1D
Method 1 Double - this uses the same mounting method as /M1 with the addition
of opposing light sources. Specify stem length, number of spotlights and
spacing.
- This 2 part aluminium profile has been designed as a slight oval and is counterbored where the knuckles attach which gives a slim look
and neat detail at the junction. The best method of specification is to send us a sketch of what is required, this can then be discussed and
a project quote created. 4 mounting methods are available and each is custom made to the specification.
11.5
MIN
20
Ø40.5
2.5
40
MIN
14
Ø29
68
28.5
6
28.5
54.6
Ø29
M8
DIM
(1m MAX)
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
LD81
LD81
LD81
LD81
Ø30
Ø23
24.5
51
LD81
13
13
Ø29
28.5
55
Linked to data sheet
11.5
MIN
DIM
20
Ø40.5
2.5
40
MIN
6
28.5
54.6
Ø29
M8
DIM
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
Stem Mounting Linear Profile Method 1
14
Ø29
68
28.5
Ø30
Ø23
24.5
51
13
13
Ø29
28.5
55
14
18.5
Ø29
68
DIM
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
Stem Mounting Linear Profile Method 2
Stem Mounting Linear Profile Method 3
Stem Mounting Linear Profile Method 4
PL-1 Swivel Mounting Plate
14
18.5
Ø29
68
6
28.5
54.6
Ø29
Stem Mounting Linear Profile Mounting Methods
14
28.5
Ø29
68
28.5
Method 1
PL-1 Swivel Mounting Plate
Method 2
Method 3
Method 4
E1313 U Channel
Flush mounted in routed
groove in cabinet
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
14
18.5
Ø29
68
DIM
(1.5m MAX)
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81 M1D
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
11.5
MIN
20
Ø40.5
2.5
40
MIN
LD81 M2D
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81 M3D
14
18.5
Ø29
68
28.5
14
Ø29
68
28.5
14
Ø29
68
28.5
DIM
(1.5m MAX)
DIM
(1.5m MAX)
DIM
(1.5m MAX)
11.5
MIN
20
Ø40.5
2.5
40
MIN
14
Ø29
68
28.5
6
28.5
54.6
Ø29
M8
DIM
(1m MAX)
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
LD81
LD81
LD81
LD81
Ø30
Ø23
24.5
51
LD81
13
13
Ø29
28.5
55
Linked to data sheet
11.5
MIN
DIM
20
Ø40.5
2.5
40
MIN
6
28.5
54.6
Ø29
M8
DIM
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
Stem Mounting Linear Profile Method 1
14
Ø29
68
28.5
Ø30
Ø23
24.5
51
13
13
Ø29
28.5
55
14
18.5
Ø29
68
DIM
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
Stem Mounting Linear Profile Method 2
Stem Mounting Linear Profile Method 3
Stem Mounting Linear Profile Method 4
PL-1 Swivel Mounting Plate
14
18.5
Ø29
68
6
28.5
54.6
Ø29
Stem Mounting Linear Profile Mounting Methods
14
28.5
Ø29
68
28.5
Method 1
PL-1 Swivel Mounting Plate
Method 2
Method 3
Method 4
E1313 U Channel
Flush mounted in routed
groove in cabinet
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
14
18.5
Ø29
68
DIM
(1.5m MAX)
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81 M1D
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
11.5
MIN
20
Ø40.5
2.5
40
MIN
LD81 M2D
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81 M3D
14
18.5
Ø29
68
28.5
14
Ø29
68
28.5
14
Ø29
68
28.5
DIM
(1.5m MAX)
DIM
(1.5m MAX)
DIM
(1.5m MAX)
/M2
Method 2 - surface mounted option with cable exit at the back. Specify stem
length, number of spotlights and spacing.
11.5
MIN
20
Ø40.5
2.5
40
MIN
14
Ø29
68
28.5
6
28.5
54.6
Ø29
M8
DIM
(1m MAX)
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
LD81
LD81
LD81
LD81
Ø30
Ø23
24.5
51
LD81
13
13
Ø29
28.5
55
Linked to data sheet
11.5
MIN
DIM
20
Ø40.5
2.5
40
MIN
6
28.5
54.6
Ø29
M8
DIM
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
Stem Mounting Linear Profile Method 1
14
Ø29
68
28.5
Ø30
Ø23
24.5
51
13
13
Ø29
28.5
55
14
18.5
Ø29
68
DIM
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
Stem Mounting Linear Profile Method 2
Stem Mounting Linear Profile Method 3
Stem Mounting Linear Profile Method 4
PL-1 Swivel Mounting Plate
14
18.5
Ø29
68
6
28.5
54.6
Ø29
Stem Mounting Linear Profile Mounting Methods
14
28.5
Ø29
68
28.5
Method 1
PL-1 Swivel Mounting Plate
Method 2
Method 3
Method 4
E1313 U Channel
Flush mounted in routed
groove in cabinet
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
14
18.5
Ø29
68
DIM
(1.5m MAX)
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81 M1D
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
11.5
MIN
20
Ø40.5
2.5
40
MIN
LD81 M2D
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81 M3D
14
18.5
Ø29
68
28.5
14
Ø29
68
28.5
14
Ø29
68
28.5
DIM
(1.5m MAX)
DIM
(1.5m MAX)
DIM
(1.5m MAX)
/M2D
Method 2 Double - this uses the same surface mounting method as /M2 with the
addition of opposing light sources. Specify stem length, number of spotlights and
spacing.
11.5
MIN
20
Ø40.5
2.5
40
MIN
14
Ø29
68
28.5
6
28.5
54.6
Ø29
M8
DIM
(1m MAX)
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
LD81
LD81
LD81
LD81
Ø30
Ø23
24.5
51
LD81
13
13
Ø29
28.5
55
Linked to data sheet
11.5
MIN
DIM
20
Ø40.5
2.5
40
MIN
6
28.5
54.6
Ø29
M8
DIM
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
Stem Mounting Linear Profile Method 1
14
Ø29
68
28.5
Ø30
Ø23
24.5
51
13
13
Ø29
28.5
55
14
18.5
Ø29
68
DIM
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
Stem Mounting Linear Profile Method 2
Stem Mounting Linear Profile Method 3
Stem Mounting Linear Profile Method 4
PL-1 Swivel Mounting Plate
14
18.5
Ø29
68
6
28.5
54.6
Ø29
Stem Mounting Linear Profile Mounting Methods
14
28.5
Ø29
68
28.5
Method 1
PL-1 Swivel Mounting Plate
Method 2
Method 3
Method 4
E1313 U Channel
Flush mounted in routed
groove in cabinet
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
14
18.5
Ø29
68
DIM
(1.5m MAX)
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81 M1D
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
11.5
MIN
20
Ø40.5
2.5
40
MIN
LD81 M2D
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81 M3D
14
18.5
Ø29
68
28.5
14
Ø29
68
28.5
14
Ø29
68
28.5
DIM
(1.5m MAX)
DIM
(1.5m MAX)
DIM
(1.5m MAX)
11.5
MIN
20
Ø40.5
2.5
40
MIN
14
Ø29
68
28.5
6
28.5
54.6
Ø29
M8
DIM
(1m MAX)
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
LD81
LD81
LD81
LD81
Ø30
Ø23
24.5
51
LD81
13
13
Ø29
28.5
55
Linked to data sheet
11.5
MIN
DIM
20
Ø40.5
2.5
40
MIN
6
28.5
54.6
Ø29
M8
DIM
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
Stem Mounting Linear Profile Method 1
14
Ø29
68
28.5
Ø30
Ø23
24.5
51
13
13
Ø29
28.5
55
14
18.5
Ø29
68
DIM
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
Stem Mounting Linear Profile Method 2
Stem Mounting Linear Profile Method 3
Stem Mounting Linear Profile Method 4
PL-1 Swivel Mounting Plate
14
18.5
Ø29
68
6
28.5
54.6
Ø29
Stem Mounting Linear Profile Mounting Methods
14
28.5
Ø29
68
28.5
Method 1
PL-1 Swivel Mounting Plate
Method 2
Method 3
Method 4
E1313 U Channel
Flush mounted in routed
groove in cabinet
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
14
18.5
Ø29
68
DIM
(1.5m MAX)
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81 M1D
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
11.5
MIN
20
Ø40.5
2.5
40
MIN
LD81 M2D
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81 M3D
14
18.5
Ø29
68
28.5
14
Ø29
68
28.5
14
Ø29
68
28.5
DIM
(1.5m MAX)
DIM
(1.5m MAX)
DIM
(1.5m MAX)
11.5
MIN
20
Ø40.5
2.5
40
MIN
14
Ø29
68
28.5
6
28.5
54.6
Ø29
M8
DIM
(1m MAX)
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
LD81
LD81
LD81
LD81
Ø30
Ø23
24.5
51
LD81
13
13
Ø29
28.5
55
Linked to data sheet
11.5
MIN
DIM
20
Ø40.5
2.5
40
MIN
6
28.5
54.6
Ø29
M8
DIM
11.5
11.5
25
DIM
MAX 400MM
Ø9.5
Top view of 'U' channel mounted
in a routed groove within a cabinet
Stem Mounting Linear Profile Method 1
14
Ø29
68
28.5
Ø30
Ø23
24.5
51
13
13
Ø29
28.5
55
14
18.5
Ø29
68
DIM
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
Stem Mounting Linear Profile Method 2
Stem Mounting Linear Profile Method 3
Stem Mounting Linear Profile Method 4
PL-1 Swivel Mounting Plate
14
18.5
Ø29
68
6
28.5
54.6
Ø29
Stem Mounting Linear Profile Mounting Methods
14
28.5
Ø29
68
28.5
Method 1
PL-1 Swivel Mounting Plate
Method 2
Method 3
Method 4
E1313 U Channel
Flush mounted in routed
groove in cabinet
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
14
18.5
Ø29
68
DIM
(1.5m MAX)
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
28.5
14
Ø29
68
28.5
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81 M1D
11.5
MIN
40
MIN
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
11.5
MIN
20
Ø40.5
2.5
40
MIN
LD81 M2D
DIM
36.5
MIN
Ø40.5
2.5
40
MIN
Ø8
Ø10 Cut-out
M8 Thread
Ø30
9.5 MIN
13.5 MAX
LD81 M3D
14
18.5
Ø29
68
28.5
14
Ø29
68
28.5
14
Ø29
68
28.5
DIM
(1.5m MAX)
DIM
(1.5m MAX)
DIM
(1.5m MAX)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com