Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4245 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE4245
Description  SPDT UltraCMOS??RF Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4245 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE4245_08 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4245_08 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4245_08 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4245_08 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4245_08 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4245_08 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4245_08 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4245_08 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
PE4245
Page 2 of 8
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0104-06
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 4. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 4.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 3. Operating Ranges
Notes: 1.
All RF pins must be DC blocked with an external series
capacitor or held at 0 VDC.
Figure 3. Pin Configuration
Table 5. Control Logic Truth Table
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
Exposed Solder
Pad - Shorted
to Pin 2
(bottom side)
RF2
GND
RF1
RFC
CTRL
V
DD
4
5
6
3
2
1
Pin
No.
Pin
Name
Description
1
RF2
RF2 port (Note 1)
2
GND
Ground Connection. Traces should be
physically short and connected to the
ground plane. This pin is connected to
the exposed solder pad that also must
be soldered to the ground plane for best
performance.
3
RF1
RF1 port (Note 1)
4
VDD
Nominal 3 V supply connection.
5
CTRL
CMOS logic level:
High = RFC to RF1 signal path
Low = RFC to RF2 signal path
6
RFC
Common RF port for switch (Note 1)
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD+
0.3
V
TST
Storage temperature range
-65
150
°C
PIN
Input power (50Ω)
30
dBm
VESD
ESD voltage (Human Body
Model)
1500
V
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
2.7
3.0
3.3
V
IDD Power Supply Current
VDD = 3V, VCTRL = 3V
250
500
nA
Control Voltage High
0.7x
VDD
V
Control Voltage Low
0.3x
VDD
V
TOP Operating temperature
range
-40
85
°C
Control Voltage
Signal Path
CTRL = CMOS High
RFC to RF1
CTRL = CMOS Low
RFC to RF2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com