Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSF1 Datasheet(PDF) 24 Page - Clarke International

Part # HSF1
Description  MMA INVERTER WELDER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

HSF1 Datasheet(HTML) 24 Page - Clarke International

Back Button HSF1 Datasheet HTML 20Page - Clarke International HSF1 Datasheet HTML 21Page - Clarke International HSF1 Datasheet HTML 22Page - Clarke International HSF1 Datasheet HTML 23Page - Clarke International HSF1 Datasheet HTML 24Page - Clarke International HSF1 Datasheet HTML 25Page - Clarke International HSF1 Datasheet HTML 26Page - Clarke International HSF1 Datasheet HTML 27Page - Clarke International HSF1 Datasheet HTML 28Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CONSUMABLES
The following are some of the accessories available from your CLARKE dealer. Please
quote the part numbers shown below:
A Gas Regulator, Arc Activated Headshields, Anti-spatter Spray are also available from
your CLARKE dealer or our parts division.
ARC ACTIVATED HEADSHIELDS
These highly popular head-shields activate instantly when the arc is struck and allow
you to have both hands free when welding.
Item
Description
Part
number
Comment
Welding Rods
1.6 x 300mm
3050590
2.0 x 350mm
3050592
2.5 x 350mm
3050594
3.25 x 350mm
3050596
4.0 x 400mm E6013
3050598
Welding Apron
610mm x 915mm
6000920
Gauntlets
Leather (EN407 rated)
8133492
Welding screen
WSC2 and replacement screen 6000945
6000910
Model
Arc
Activated
Grinding
function
Solar
Powered
Fixed
Shade
Flip Up
Part
Number
GWH4
X
X
X
6000706
GWH5
X
X
X
6000707
GWH6
X
X
X
6000708
GWH7
X
X
X
6000709
GWH8
X
X
X
6000714
PG4
X
X
X
6000716
HS1
X
X
6000700
HSF1
X
X
6000705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com