Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M124DF-MLD Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # M124DF-MLD
Description  M12 , 4PIN D-CODE FEMALE SHIELD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

M124DF-MLD Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  M124DF-MLD Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
107.0°
4PIN D CODE FEMALE CONNECTOR
FRONT VIEW
.315
8.00
NOTES
MATERIAL
SEE MATERIAL LIST
ELECTRICAL
CURRENT RATING:4 A
VOLTAGE: 250V
CONTACT RESISTANCE:3mΩ MAX
INSULATION RESISTANCE:1000MΩ MIN
ENVIRONMENT
OPERATING TEMPERATURE:-40~85°C
APPLICATION
UL FLAMMABILITY: IEC 60695-11-10, UL94V-0
CONNECTOR NEED MEET: IEC 61076-2-101 STANDARD
INGRESS PROTECTION: RATING IS IP68(MATED,1METER ,24HOUR)
PRESENT CRITICAL DIMENSIONS
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
cx
MATERIAL LIST
ITEM
DESCRIPTION
MATERIAL PLATING/COLOR QTY
1CONTACT
QSN4-3
GOLD PLATED
15U''& NICKEL
4
2
SHIELD
H59
NICKEL
1
3
CONTACT
MOUNT
PA
BLACK
1
4
SCREW NUT
H59
NICKEL
1
5
O-RING
NBR
BLACK
1
cx
cx
cx
NOTES
MATERIAL
SEE MATERIAL LIST
ELECTRICAL
CURRENT RATING:4 A
VOLTAGE: 250V
CONTACT RESISTANCE:3mΩ MAX
INSULATION RESISTANCE:1000MΩ MIN
ENVIRONMENT
OPERATING TEMPERATURE:-40~85°C
APPLICATION
UL FLAMMABILITY: IEC 60695-11-10, UL94V-0
CONNECTOR NEED MEET: IEC 61076-2-101 STANDARD
INGRESS PROTECTION: RATING IS IP68(MATED,1METER ,24HOUR)
PRESENT CRITICAL DIMENSIONS
UNLESS OTHERWISE SPECIFIED,
D.CUI
43321
M12 , 4PIN D-CODE FEMALE SHIELD
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
M124DF-MLD.SLDDRW
3/1/18
3/1/18
1
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
COLOR VARIATIONS
UNDIMENSIONED FEATURES
D.FRISIELLO
REF
A
B
C
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
6
7
5
NORTH ANDOVER, MA
DESCRIPTION
D.GUTTADAURO
2/7/18
INITIAL RELEASE
DATE
D.FRISIELLO
2/7/18
4
REVISIONS
8
M124DF-MLD
MAY OCCUR
A
APPROVED
A
1
REV
TELECOM/MODULAR
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
PROJECTION
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
.067
1.70
.744
18.90
.80
20.30
.24
6.20
A
A
EPOXY GLUE ,BLACK
2
SECTION A-A
1
4
3
5
M12X1.0 INTERNAL


Similar Part No. - M124DF-MLD

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
M124DM-MLD L-COM-M124DM-MLD Datasheet
104Kb / 1P
M12 4PIN D CODE SHIELD MALE
3/1/18
M124DM-MLD. L-COM-M124DM-MLD. Datasheet
104Kb / 1P
M12 4PIN D CODE SHIELD MALE
3/1/18
More results

Similar Description - M124DF-MLD

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224901 ERNI-224901 Datasheet
42Kb / 1P
CCCS M12, 4pin / M12, 4pin
224907 ERNI-224907 Datasheet
40Kb / 1P
CCCS M12, 4pin / M12, 4pin
224908 ERNI-224908 Datasheet
41Kb / 1P
CCCS M12, 4pin / M12, 4pin
324089 ERNI-324089 Datasheet
40Kb / 1P
CCCS M12, 4pin / M12, 4pin
354167 ERNI-354167 Datasheet
40Kb / 1P
CCCS M12, 4pin / M12, 4pin
254775 ERNI-254775 Datasheet
683Kb / 1P
M12, 4pin / M8, 4pin
254779 ERNI-254779 Datasheet
651Kb / 1P
M8, 4pin / M12, 4pin
logo
TE Connectivity Ltd
2358997 TEC-2358997 Datasheet
112Kb / 1P
M12 FEMALE CONTACT A8 CODE
Rev. A
logo
NorComp
858-D04-203RKTY NORCOMP-858-D04-203RKTY Datasheet
81Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-D CODE-4POSITION
REV.4 06/20/2016
858-D04-203RSUY NORCOMP-858-D04-203RSUY Datasheet
94Kb / 1P
M12 CONNECTOR SERIES-FEMALE-CABLE MOUNT-D CODE-4POSITION
REV.5 03/07/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com