Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S221A Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # MPZ2012S221A
Description  Chip Beads(SMD) For Power Line
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

MPZ2012S221A Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  MPZ2012S221A Datasheet HTML 1Page - ELAN Microelectronics Corp MPZ2012S221A Datasheet HTML 2Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1/2)
004-03 / 20061022 / e9413_mpz.fm
• All specifications are subject to change without notice.
Chip Beads(SMD)
For Power Line
MPZ Series MPZ2012 Type
FEATURES
• The MPZ series are multilayer chip impeders for power supply
line applications.
• High miniaturized, these parts nonetheless exhibit low DC
resistance and high current handling capability.
• The products contain no lead and also support lead-free
soldering.
• It is a product conforming to RoHS directive.
APPLICATIONS
Noise elimination of DC power supply lines for USB interface
circuitry, personal computers, electronic games, hard disk drives,
and other general electronic equipment.
Also effective as a noise countermeasure in signal lines.
PRODUCT IDENTIFICATION
(1)Series name
(2)Dimensions L
× W
(3)Material code
(4)Nominal impedance
331: 330
Ω at 100MHz
(5)Characteristic type
(6)Packaging style
T: Taping
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components. The preheat-
ing temperature should be set so that the temperature difference
between the solder temperature and product temperature does
not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• The inductance value may change due to magnetic saturation if
the current exceeds the rated maximum.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
350°C. Soldering time should not exceed 3 seconds.
Conformity to RoHS Directive
MPZ 2012 S 331 A
T
(1)
(2) (3) (4) (5) (6)
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
Operating/storage
–55 to +125°C
Packaging style
Quantity
Taping
4000 pieces/reel
0.5
±0.3
2+0.3, –0.1
Weight: 8mg
Dimensions in mm
1
1.3
1.3
• Please contact our Sales office when your application are considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - MPZ2012S221A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
MPZ2012S221A EMC-MPZ2012S221A Datasheet
41Kb / 2P
Ferrite Beads
logo
TDK Electronics
MPZ2012S221A TDK-MPZ2012S221A Datasheet
74Kb / 2P
Chip Beads(SMD) For Power Line
logo
STMicroelectronics
MPZ2012S221A STMICROELECTRONICS-MPZ2012S221A Datasheet
17Mb / 56P
38 V, 10 W synchronous iso-buck converter for isolated applications
04-Oct-2022
logo
TDK Electronics
MPZ2012S221ATD25 TDK-MPZ2012S221ATD25 Datasheet
117Kb / 10P
Chip Beads For power line
MPZ2012S221ATD25 TDK-MPZ2012S221ATD25 Datasheet
185Kb / 4P
Chip beads For power line
More results

Similar Description - MPZ2012S221A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
Chip Beads(SMD) For Power Line
MMZ1608B121C TDK-MMZ1608B121C Datasheet
222Kb / 8P
Chip Beads(SMD) For Signal Line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
Chip Beads(SMD) For Signal Line
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
Chip Beads(SMD) For Signal Line
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
Chip Beads For Power Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
Chip Beads(SMD) For Signal Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
Chip Beads For power line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
Chip Beads(SMD) For Power Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
Chip Beads(SMD) For Signal Line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
Chip Beads For power line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com