Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M124DM-MLD. Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # M124DM-MLD.
Description  M12 4PIN D CODE SHIELD MALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

M124DM-MLD. Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  M124DM-MLD. Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
107.0°
UNDIMENSIONED FEATURES
D.CUI
43321
A
B
MAY OCCUR
PRODUCT DESCRIPTION
8
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
DIMENSIONS ARE IN INCHES [mm]
C
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
A
DATE
8
A
D.GUTTADAURO
M124DM-MLD.SLDDRW
1
2/7/17
REVISIONS
DESCRIPTION
APPROVED
2/7/18
D.FRISIELLO
1
3/1/18
M124DM-MLD
3/1/18
INITIAL RELEASE
D.FRISIELLO
CATEGORY
COLOR VARIATIONS
7
NORTH ANDOVER, MA
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
UNLESS OTHERWISE SPECIFIED,
TELECOM/MODULAR
PROJECTION
REV
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
M12 4PIN D CODE SHIELD MALE
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
NOTES
MATERIAL
SEE MATERIAL LIST
ELECTRICAL
CURRENT RATING:4 A
VOLTAGE: 250V
CONTACT RESISTANCE:3mΩ MAX
INSULATION RESISTANCE:1000MΩ MIN
ENVIRONMENT
OPERATING TEMPERATURE:-40~85°C
APPLICATION
UL FLAMMABILITY: IEC 60695-11-10, UL94V-0
CONNECTOR NEED MEET :IEC 61076-2-101 STANDARD
INGRESS PROTECTION RATING IS IP68(MATED,1METER ,24HOUR)
PRESENT CRITICAL DIMENSIONS
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
cx
MATERIAL LIST
ITEM DESCRIPTION MATERIAL
PLATING/COLOR
QTY
1CONTACT
QSN4-3
GOLD PLATED 15U''&
NICKEL
4
2
SHIELD
H59
NICKEL
1
3
CONTACT
MOUNT
PA
BLACK
1
4
SCREW NUT
H59
NICKEL
1
5O-RING
EPDM
BLACK
1
6SPRING
SUS
NA
1
cx
cx
cx
4PIN D CODE MALE CONNECTOR
FRONT VIEW
NOTES
MATERIAL
SEE MATERIAL LIST
ELECTRICAL
CURRENT RATING:4 A
VOLTAGE: 250V
CONTACT RESISTANCE:3mΩ MAX
INSULATION RESISTANCE:1000MΩ MIN
ENVIRONMENT
OPERATING TEMPERATURE:-40~85°C
APPLICATION
UL FLAMMABILITY: IEC 60695-11-10, UL94V-0
CONNECTOR NEED MEET :IEC 61076-2-101 STANDARD
INGRESS PROTECTION RATING IS IP68(MATED,1METER ,24HOUR)
PRESENT CRITICAL DIMENSIONS
EPOXY GLUE, BLACK
.57
14.50
M12X1.0
.303
7.70
.99
25.20
22.50
.886
A
A
.327
8.30
2
4
6
5
SECTION A-A
1
3


Similar Part No. - M124DM-MLD.

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
M124DF-MLD L-COM-M124DF-MLD Datasheet
97Kb / 1P
M12 , 4PIN D-CODE FEMALE SHIELD
2/7/18
More results

Similar Description - M124DM-MLD.

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224901 ERNI-224901 Datasheet
42Kb / 1P
CCCS M12, 4pin / M12, 4pin
224907 ERNI-224907 Datasheet
40Kb / 1P
CCCS M12, 4pin / M12, 4pin
224908 ERNI-224908 Datasheet
41Kb / 1P
CCCS M12, 4pin / M12, 4pin
324089 ERNI-324089 Datasheet
40Kb / 1P
CCCS M12, 4pin / M12, 4pin
354167 ERNI-354167 Datasheet
40Kb / 1P
CCCS M12, 4pin / M12, 4pin
254775 ERNI-254775 Datasheet
683Kb / 1P
M12, 4pin / M8, 4pin
254779 ERNI-254779 Datasheet
651Kb / 1P
M8, 4pin / M12, 4pin
logo
TE Connectivity Ltd
2351769 TEC-2351769 Datasheet
110Kb / 1P
M12 MALE CONTACT A8 CODE
Rev. A
logo
NorComp
858-D04-103RKTY NORCOMP-858-D04-103RKTY Datasheet
80Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-D CODE-4POSITION
REV.4 06/20/2016
logo
Bel Fuse Inc.
CT999249 BEL-CT999249 Datasheet
361Kb / 1P
M12 X-CODE MALE TO M12 X-CODE MALE COIL CORD
Rev. A3
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com