Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPZ2012S601A Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # MPZ2012S601A
Description  Chip Beads(SMD) For Power Line
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

MPZ2012S601A Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  MPZ2012S601A Datasheet HTML 1Page - ELAN Microelectronics Corp MPZ2012S601A Datasheet HTML 2Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(2/2)
004-03 / 20061022 / e9413_mpz.fm
• All specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS
∗1 Test equipment: E4991A or equivalent
Test tool
: 16192A or equivalent
∗2 Please refer to the graph of RATED CURRENT vs. TEMPERATURE
CHARACTERISTICS(DERATING) about the rating current at 85°C or
more in temperature of the product.
RATED CURRENT vs. TEMEPERATURE CHARACTERISTICS
(DERATING)
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MPZ2012S300A
MPZ2012S101A
MPZ2012S221A
MPZ2012S331A
MPZ2012S601A
PACKAGING STYLES
REEL DIMENSIONS
TAPE DIMENSIONS
Part No.
Impedance
(
Ω)[100MHz]∗1
DC resistance
(
Ω)max.
Rated current∗2
(A)max.
MPZ2012S300A
30±10
Ω
0.01
5
MPZ2012S101A
100±25%
0.02
4
MPZ2012S221A
220±25%
0.04
3
MPZ2012S331A
330±25%
0.05
2.5
MPZ2012S601A
600±25%
0.1
2
0
1
2
3
4
5
6
–55 –35
–15
5
25
45
65
85
105
125
Temperature(˚C)
S300A
S331A
S101A
S221A
S601A
50
40
30
20
10
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
160
140
120
100
80
60
40
20
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
300
100
50
150
200
250
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
800
700
600
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
1.0
ø178
±2.0
2.0
±0.5
ø13
±0.5
ø21
±0.8
13.0
±1.4
9.0
±0.3
Dimensions in mm
1.1max.
4.0
±0.1
4.0
±0.1
2.0
±0.05
1.5
+0.1
–0.0
Sprocket hole
Cavity
1.5
±0.2
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com