Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F100GFG2DFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R7F100GFG2DFP
Description  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GFG2DFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R7F100GFG2DFP Datasheet HTML 1Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 2Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 3Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 4Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 5Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 6Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 7Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 8Page - Renesas Technology Corp R7F100GFG2DFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 183 page
background image
RL78/G23
1. Outline
R01DS0395EJ0140 Rev.1.40
Page 4 of 177
Oct 31, 2025
1.2
List of Part Numbers
Figure 1 - 1
Part Number, Memory Size, and Package of RL78/G23
R 7 F 1 0 0 G L J 3 x x x C F B # AA0
RL78/G23
Renesas MCU
Renesas semiconductor product
Packaging specification
#AA0, #BA0, #UA0: Tray (LFQFP, LQFP, LSSOP, HWQFN)
#AC0, #BC0, #UC0: Tray (WFLGA)
#HA0: Embossed tape (LFQFP, LQFP, LSSOP, HWQFN)
#HC0: Embossed tape (WFLGA)
ROM number (omitted with blank products)
Product name
Ordering part number
Package type
SP: LSSOP, 0.65-mm pitch
FP: LQFP, 0.80-mm pitch
FA: LQFP, 0.65-mm pitch
FB: LFQFP, 0.50-mm pitch
NP: HWQFN, 0.50-mm pitch
LA: WFLGA, 0.50-mm pitch
Fields of application
C: Industrial applications
D: Consumer applications
Ambient operating temperature range
2: -40 to +85°C
3: -40 to +105°C
ROM capacity
F: 96 KB
G: 128 KB
H: 192 KB
J: 256 KB
K: 384 KB
L: 512 KB
N: 768 KB
Pin count
A: 30 pins
B: 32 pins
C: 36 pins
E: 40 pins
F: 44 pins
G: 48 pins
J: 52 pins
L: 64 pins
M: 80 pins
P: 100 pins
S: 128 pins
F: Flash memory
Device type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com