Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR10-E-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # LR10-E-R
Description  LED Unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR10-E-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  LR10-E-R Datasheet HTML 1Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[1.General Specifications]
[2.Model Number Configuration]
■
Body Color
R : Red
Y : Amber
G : Green
B : Blue
C : White
[3.Outer Dimensions]
(
Unit:mm)
Number
Name
Material
-20℃ ~ +50℃
Less than 90% RH (No Condensation)
Operating Ambient Temperature
Mass (Tolerance ±10%)
0.18kg
There are no contents of controlled substances exceeding the threshold for the
RoHS Directive.
2
Gasket
Silicone Rubber
1
Globe
PC
- E - R
1
L R
0
Drawing No.
Rev.
LR10-E-
W18
A
24V DC
Operating Ambient Humidity
Model
LR10-E-□
Operating Voltage
Page
SPECIFICATIONS
UL Flammability
V-2
-
Remarks
Due to the characteristics of the LED elements, a variation in difference of
the color tone and brightness of every product may occur.
LR10-E-□
①
②
1 / 1


Similar Part No. - LR10-E-R

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
LR10-001 PATLITE-LR10-001 Datasheet
126Kb / 1P
Head Cover S
Rev. A
LR10-02WJNW PATLITE-LR10-02WJNW Datasheet
891Kb / 9P
Signal Tower
Rev. C
LR10-02WMNW PATLITE-LR10-02WMNW Datasheet
891Kb / 9P
Signal Tower
Rev. C
LR10-102WJBW PATLITE-LR10-102WJBW Datasheet
891Kb / 9P
Signal Tower
Rev. C
LR10-102WJBW-RYG PATLITE-LR10-102WJBW-RYG Datasheet
891Kb / 9P
Signal Tower
Rev. C
More results

Similar Description - LR10-E-R

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-028-B POWER-SYSTEMS-PS-LD0301-028-B Datasheet
108Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-032 POWER-SYSTEMS-PS-LD0301-032 Datasheet
97Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-038 POWER-SYSTEMS-PS-LD0301-038 Datasheet
97Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-1 POWER-SYSTEMS-PS-LD0301-1 Datasheet
313Kb / 3P
LED-CONVERTER UNIT
PS-LD0302-1 POWER-SYSTEMS-PS-LD0302-1 Datasheet
111Kb / 3P
LED-CONVERTER UNIT
PS-LD0304-1 POWER-SYSTEMS-PS-LD0304-1 Datasheet
313Kb / 3P
LED-CONVERTER UNIT
CE-1077 POWER-SYSTEMS-CE-1077 Datasheet
209Kb / 3P
LED CONVERTER UNIT
logo
Marl International Limi...
084-501-22 MARL-084-501-22_13 Datasheet
289Kb / 4P
LED Bulkhead Unit
084-501-22 MARL-084-501-22_15 Datasheet
289Kb / 4P
LED Bulkhead Unit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com