Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6-E-RZFB295 Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # LR6-E-RZFB295
Description  LED Unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR6-E-RZFB295 Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  LR6-E-RZFB295 Datasheet HTML 1Page - PATLITE CORPORATION. LR6-E-RZFB295 Datasheet HTML 2Page - PATLITE CORPORATION. LR6-E-RZFB295 Datasheet HTML 3Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
[1.General Specifications]
[2.Model Number Configuration]
Remarks
Operating Voltage
24V DC
Operating Ambient Humidity
0.06kg
Operating Ambient Temperature
Mass
(Tolerance±10%)
Outer Dimensions
-20
+50
Less than 90% RH (No Condensation)
Due to the characteristics of the LED elements, a variation in difference of the color tone
and brightness of every product may occur.
There are no contents of controlled substances exceeding the threshold for the RoHS
Directive.
Refer to the 3.Outer Dimensions
SPECIFICATIONS
Model
LR6-E-
+FB295
Drawing No.
Rev.
W
Size
LED Unit Color
Globe Color
Model
LED Unit
LR
6
-
E
-
Size
LED Unit
Non
LED Unit Color
Globe Color
Amber
Z
6 Φ60
Clear Globe (Multi Color)
Color Globe
R Red
Y
G Green
B Blue
C White (Color Globe)
M Multi Color (Clear Globe)
Custom Order
Number
FB295
+
1 / 3


Similar Part No. - LR6-E-RZFB295

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
LR6-E-RZ PATLITE-LR6-E-RZ Datasheet
1Mb / 5P
LED Unit
Rev. E
More results

Similar Description - LR6-E-RZFB295

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-LD0301-027-B POWER-SYSTEMS-PS-LD0301-027-B Datasheet
108Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-028-B POWER-SYSTEMS-PS-LD0301-028-B Datasheet
108Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-032 POWER-SYSTEMS-PS-LD0301-032 Datasheet
97Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-038 POWER-SYSTEMS-PS-LD0301-038 Datasheet
97Kb / 2P
LED-CONVERTER UNIT
PS-LD0301-1 POWER-SYSTEMS-PS-LD0301-1 Datasheet
313Kb / 3P
LED-CONVERTER UNIT
PS-LD0302-1 POWER-SYSTEMS-PS-LD0302-1 Datasheet
111Kb / 3P
LED-CONVERTER UNIT
PS-LD0304-1 POWER-SYSTEMS-PS-LD0304-1 Datasheet
313Kb / 3P
LED-CONVERTER UNIT
CE-1077 POWER-SYSTEMS-CE-1077 Datasheet
209Kb / 3P
LED CONVERTER UNIT
logo
Marl International Limi...
084-501-22 MARL-084-501-22_13 Datasheet
289Kb / 4P
LED Bulkhead Unit
084-501-22 MARL-084-501-22_15 Datasheet
289Kb / 4P
LED Bulkhead Unit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com