Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZP-002U Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # SZP-002U
Description  Circular Bracket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SZP-002U Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  SZP-002U Datasheet HTML 1Page - PATLITE CORPORATION. SZP-002U Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SZP-002-
W18B-1_2
Remarks
There are no contents of controlled substances exceeding the threshold for the RoHS
2.Outer Dimensions
Applicable Models
Refer to the 2.Outer Dimensions
Outer Dimensions
Indoor Only
Mass (Tolerance ±10%)
0.11kg(Accessory Remove)
Protection Rating
IP20(Product Mounting)
Applicable Pole
List in the website http://www.patlite.com/
Mounting Location
SPECIFICATIONS
1.General Specifications
Model
SZP-002U
(
Unit:mm)
SZP-002U
1
Color:Silver
Binding Head Tapping Screw(M3×12) 2pcs.
Pole Waterproof-ring 1pcs.
Accessory
No.
Name
Material
Circular Bracket
ADC12
1


Similar Part No. - SZP-002U

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
SZP-001K PATLITE-SZP-001K Datasheet
286Kb / 2P
Circular Bracket
Rev. D
SZP-001U PATLITE-SZP-001U Datasheet
286Kb / 2P
Circular Bracket
Rev. D
SZP-001W PATLITE-SZP-001W Datasheet
286Kb / 2P
Circular Bracket
Rev. D
SZP-003K PATLITE-SZP-003K Datasheet
148Kb / 2P
Pole
SZP-003U PATLITE-SZP-003U Datasheet
148Kb / 2P
Pole
More results

Similar Description - SZP-002U

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
Circular Connectors
logo
Glenair, Inc.
892-001 GLENAIR-892-001 Datasheet
649Kb / 2P
Circular Threaded
892-002 GLENAIR-892-002 Datasheet
605Kb / 2P
Circular Breakaway
892-003 GLENAIR-892-003 Datasheet
676Kb / 2P
Circular Threaded
892-004 GLENAIR-892-004 Datasheet
544Kb / 2P
Circular Breakaway
892-005 GLENAIR-892-005 Datasheet
591Kb / 2P
Circular Threaded
893-008 GLENAIR-893-008 Datasheet
520Kb / 2P
Circular Breakaway
893-009 GLENAIR-893-009 Datasheet
613Kb / 2P
Circular Threaded
893-011 GLENAIR-893-011 Datasheet
1Mb / 3P
Circular Threaded
logo
TE Connectivity Ltd
1-1773922-5 TEC-1-1773922-5 Datasheet
3Mb / 54P
CIRCULAR BACKSHELLS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com