Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD10236 Datasheet(PDF) 2 Page - LightGraphix

Part # LD10236
Description  HIGH-POWER DOUBLE OUTPUT HIGH-POWER DOUBLE OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD10236 Datasheet(HTML) 2 Page - LightGraphix

  LD10236 Datasheet HTML 1Page - LightGraphix LD10236 Datasheet HTML 2Page - LightGraphix LD10236 Datasheet HTML 3Page - LightGraphix LD10236 Datasheet HTML 4Page - LightGraphix LD10236 Datasheet HTML 5Page - LightGraphix LD10236 Datasheet HTML 6Page - LightGraphix LD10236 Datasheet HTML 7Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LD10236
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 7 | Data sheet issued: 20 May 2026
MECHANICAL
350mA
500mA
700mA
Ambient temperature
55°C
E3
-20°C to 55°C
-20°C to 55°C
-
F1
-20°C to 55°C
-20°C to 55°C
-20°C to 50°C
Glass
Low iron glass 3mm thick
Materials
Anodised aluminium body, with stainless steel fixing brackets
Weight of product
1.26kg
IP rating
IP67
IK rating
IK08
Wiring
In-series constant current wiring (pre-wired with 2 core cable at a length of 1m)
WHITE LED ENGINE SPECIFICATION
ENVIRONMENTAL
TM65
Available on request
TM66
2.5
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
Engine
E3 x 2
F1 x 2
Beam angles
12°, 19°, 34°, 54°, 15°x 49°
25°, 46°, 65°, 18°x 45°.
LED manufacturer
NICHIA
CREE
Colour temperature
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
Current [Rated Output]
350mA [10W**]
500mA [14W**]
350mA [7W**]
500mA [10W**]
700mA [14W**]
LED power (Max)
8.4W
12W
6.4W
9W
12.6W
Delivered lumens (L100)
758
986
490
610
812
Lumens per circuit watt
76
70
70
61
58
CRI (Typ)
85
90
Forward voltage (V100)
28V
18V
Colour consistency
2 SDCM
3 SDCM
Peak intensity
6104 cd
1641 cd
LED lumens
1680
1246
LOR
0.78
0.59
TM30
RF85
RG99
RF90
UGR***
8.0
8.1
LED lifetime
L90B5 at 90,000hrs
L90B5 at 90,000hrs
Applications
These values are based around a LD10236-E3-700-LW30-NB & LD10236 -F1-700-LW22-MSB
*Lumen output data applies to all colour temperatures
**indicates the nominal power for the LED run at that particular current and includes losses associated with using an 85% efficient driver
***UGR values based on room parameters of 4H 8H, C70 W50 F20



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com