Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T02 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48T02
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48T02 Datasheet HTML 5Page - STMicroelectronics M48T02 Datasheet HTML 6Page - STMicroelectronics M48T02 Datasheet HTML 7Page - STMicroelectronics M48T02 Datasheet HTML 8Page - STMicroelectronics M48T02 Datasheet HTML 9Page - STMicroelectronics M48T02 Datasheet HTML 10Page - STMicroelectronics M48T02 Datasheet HTML 11Page - STMicroelectronics M48T02 Datasheet HTML 12Page - STMicroelectronics M48T02 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
M48T02, M48T12
Table 8. WRITE Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where noted).
Symbol
Parameter(1)
M48T02/M48T12
Unit
–70
–150
–200
Min
Max
Min
Max
Min
Max
tAVAV
WRITE Cycle Time
70
150
200
ns
tAVWL
Address Valid to WRITE Enable Low
0
0
0
ns
tAVEL
Address Valid to Chip Enable Low
0
0
0
ns
tWLWH
WRITE Enable Pulse Width
50
90
120
ns
tELEH
Chip Enable Low to Chip Enable High
55
90
120
ns
tWHAX
WRITE Enable High to Address Transition
0
10
10
ns
tEHAX
Chip Enable High to Address Transition
0
10
10
ns
tDVWH
Input Valid to WRITE Enable High
30
40
60
ns
tDVEH
Input Valid to Chip Enable High
30
40
60
ns
tWHDX
WRITE Enable High to Input Transition
5
5
5
ns
tEHDX
Chip Enable High to Input Transition
5
5
5
ns
tWLQZ
WRITE Enable Low to Output Hi-Z
25
50
60
ns
tAVWH
Address Valid to WRITE Enable High
60
120
140
ns
tAVEH
Address Valid to Chip Enable High
60
120
140
ns
tWHQX
WRITE Enable High to Output Transition
5
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com