Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD154TG Datasheet(PDF) 2 Page - LightGraphix

Part # LD154TG
Description  TRIMLESS HIGH-POWER TITLED RECESSED EXTERIOR LED UPLIGHT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD154TG Datasheet(HTML) 2 Page - LightGraphix

  LD154TG Datasheet HTML 1Page - LightGraphix LD154TG Datasheet HTML 2Page - LightGraphix LD154TG Datasheet HTML 3Page - LightGraphix LD154TG Datasheet HTML 4Page - LightGraphix LD154TG Datasheet HTML 5Page - LightGraphix LD154TG Datasheet HTML 6Page - LightGraphix LD154TG Datasheet HTML 7Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LD154TG
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 7 | Data sheet issued: 18 June
WHITE LED ENGINE SPECIFICATION
ENVIRONMENTAL
TM65
Available on request
TM66
2.5
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products to
us for repair or refurbishment to extend their life without having to buy new fittings.
Engine
E3
N1
P1
Beam angles
10°, 12°, 23°, 30°, 44°, 62°, 11° x 46°
14°, 25°, 31°, 45°, 62°, 14° x 46°
20°, 28°, 34°, 48°, 63°, 20° x 46°
LED manufacturer
NICHIA
CREE
CREE
Colour temperature
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
Current [Rated Output]
350mA [5W]
500mA [7W]
700mA [10W]
350mA [7W]
500mA [10W]
700mA [14W]
350mA [14W]
500mA [20W]
Typical LED Circuit wattage
4.4W
6.4W
9.2W
6.4W
9.3W
13.3W
13.3W
19.6W
Delivered lumens (L100)*
362
490
631
463
634
851
963
1375
Delivered lm/Circuit W**
82
76
68
72
68
64
72
70
Typical LED Source wattage
4W
5.8W
8.3W
5.8W
8.4W
12.0W
12.0W
17.6W
Source LED lm
574
740
949
694
937
1264
1449
1983
Source lm/W
144
128
114
120
112
105
121
113
Forward voltage (V100)
11.3V
11.6V
11.8V
16.6V
16.8V
17.1V
34.3V
35.2V
CRI
85
90***
93
90
Colour consistency
2 SDCM
2 SDCM
3 SDCM
Peak intensity
13,539 cd
10,837 cd
10,060 cd
LOR
0.66
0.67
0.69
TM30
RF86 | RG98
RF91 | RF98
RF91 | RG98
UGR rating (‘downlight’ mounted)
6.4
7.4
8.2
5.8
6.8
7.8
8.6
9.7
BUG rating (‘uplight’ mounted)
B0-U3-G0
B0-U4-G0
B0-U4-G0
B0-U5-G0
B0-U5-G1
LED lifetime
L90B5 at 90,000hrs
Applications
These values are based on LD154TG-E3-700/830/ENB, LD154TG-N1-700/930/NB and LD154TG-P1-700/930/NB
*See lumen variance table to the right for N1 engine. E3 lumens apply across all colour temperatures
**LED wattage includes losses assocaited with using a 90% efficient driver
***90 CRI available in 2700K/3000K only. Approx. 10% lumen drop will occur compared to 85 CRI variants
Lumen variance by CCT
2200K
-7%
2700K
+/- 0%
4000K
+7%
5000K
+16%
MECHANICAL
350mA
500mA
700mA
Ambient temperature
55°C
E3
Soil/Sleeve
-20°C to 55°C
-20°C to 55°C
-20°C to 40°C
Concrete
-20°C to 55°C
-20°C to 55°C
-20°C to 50°C
N1
Soil/Sleeve
-20°C to 55°C
-20°C to 50°C
-20°C to 25°C
Concrete
-20°C to 55°C
-20°C to 55°C
-20°C to 50°C
P1
Soil/Sleeve
-20°C to 25°C
N/A
-
Concrete
-20°C to 45°C
-20°C to 25°C
-
Glass
6mm thick toughened glass with black ceramic screen print
Materials
Black anodised aluminium body with black anodised bezel and glass front
Weight of product
0.52kg
IP rating
IP67
IK rating
IK08
Wiring
In-series constant current wiring (pre-wired with 2 core cable at a length of 250mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com