Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD20238 Datasheet(PDF) 2 Page - LightGraphix

Part # LD20238
Description  SURFACE MOUNTED ADJUSTABLE LED SPOTLIGHT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD20238 Datasheet(HTML) 2 Page - LightGraphix

  LD20238 Datasheet HTML 1Page - LightGraphix LD20238 Datasheet HTML 2Page - LightGraphix LD20238 Datasheet HTML 3Page - LightGraphix LD20238 Datasheet HTML 4Page - LightGraphix LD20238 Datasheet HTML 5Page - LightGraphix LD20238 Datasheet HTML 6Page - LightGraphix LD20238 Datasheet HTML 7Page - LightGraphix LD20238 Datasheet HTML 8Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LD20238
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 8 | Data sheet issued: 12 March 2026
WHITE LED ENGINE SPECIFICATION
MECHANICAL
Ambient temperature
E3
-20°C to 50°C (350mA/500mA/700mA)
N1
-20°C to 50°C (350mA/500mA/700mA)
P1
-20°C to 50°C (350mA) or -20°C to 45°C (500mA)
Glass
3mm thick thoughened glass with black ceramic screen print
Materials
Anodised aluminium body, with 316 stainless steel fixings
Weight of product
Fitting (without any fixing methods)= 697.7 grams, SAM= 38.9 grams, SMB= 104.96 grams, SGS= 80.08 grams
IP rating
IP67
IK rating
IK09
Cable
Pre-wired 2 core exterior cable
Wiring
In-series constant current wiring (pre-wired with 2 core cable at a length of 1m)
Engine
E3
N1
P1
Beam angles
9°, 11°, 22°, 29°, 42°, 53°, 10° x 56°
13°, 24°, 31°, 45°, 54°, 13° x 58°
20°, 27°, 33°, 47°, 58°, 19° x 60°
LED manufacturer
NICHIA
CREE
CREE
Colour temperature
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
Current [Rated Output]
350mA [5W]
500mA [7W]
700mA [10W]
350mA [7W]
500mA [10W]
700mA [14W]
350mA [14W]
500mA [20W]
Typical LED Circuit wattage
4.4W
6.4W
9.2W
6.4W
9.3W
13.3W
13.3W
19.6W
Delivered lumens (L100)*
418
557
699
557
776
1028
1050
1443
Delivered lm/Circuit W**
94
87
76
90
83
77
79
74
Typical LED Source wattage
4.0W
5.8W
8.3W
5.8W
8.4W
12.0W
12W
17.6W
Source LED lm
574
740
949
694
937
1264
1449
1983
Source lm/W
144
128
114
120
112
105
121
113
Forward voltage (V100)
11.3V
11.6V
11.8V
16.6V
16.8V
17.1V
34.3V
35.2V
CRI
85
93
93
Colour consistency
2 SDCM
2 SDCM
2 SDCM
Peak intensity
15,922 cd
13,809 cd
10,624 cd
LOR
0.74
0.81
0.73
TM30
RF86 | RG98
RF91 | RG100
RF90 | RG97
UGR rating (‘downlight’ mounted)
5.3
6.3
7.1
5.4
6.4
7.4
8
9.1
BUG rating (‘downlight’ mounted)
B1-U0-G0
B1-U0-G0
B1-U0-G0
B1-U0-G0
B1-U0-G0
B1-U0-G0
B1-U0-G0
B2-U0-G0
LED lifetime
L90B5 90000h
Applications
These values are based on LD20238-E3-700-LW30-ENB, LD20238-N1-700-LW30-NB and LD20238-P1-700-LW30-NB
*See lumen variance table to the right for N1 engine. E3 lumens apply across all colour temperatures
**LED wattage includes losses assocaited with using a 90% efficient driver
TM65
Available on request
TM66
2.5
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
ENVIRONMENTAL
Lumen variance by CCT
2200K
-7%
2700K
+/- 0%
4000K
+7%
5000K
+16%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com