Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T02-70PC1TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T02-70PC1TR
Description  5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T02-70PC1TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T02-70PC1TR Datasheet HTML 9Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 10Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 11Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 12Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 13Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 14Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 15Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 16Page - STMicroelectronics M48T02-70PC1TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
M48T02, M48T12
Stopping and Starting the Oscillator
The oscillator may be stopped at any time. If the
device is going to spend a significant amount of
time on the shelf, the oscillator can be turned off to
minimize current drain on the battery. The STOP
Bit is the MSB of the seconds register. Setting it to
a '1' stops the oscillator. The M48T02/12 is
shipped from STMicroelectronics with the STOP
Bit set to a '1.' When reset to a '0,' the M48T02/12
oscillator starts within one second.
Calibrating the Clock
The M48T02/12 is driven by a quartz-controlled
oscillator with a nominal frequency of 32,768 Hz.
A typical M48T02/12 is accurate within 1 minute
per month at 25°C without calibration. The devices
are tested not to exceed ± 35 PPM (parts per mil-
lion) oscillator frequency error at 25°C, which
equates to about ±1.53 minutes per month.
The oscillation rate of any crystal changes with
temperature. Figure 11, page 14 shows the fre-
quency error that can be expected at various tem-
peratures. Most clock chips compensate for
crystal frequency and temperature shift error with
cumbersome “trim” capacitors. The M48T02/12
design, however, employs periodic counter cor-
rection. The calibration circuit adds or subtracts
counts from the oscillator divider circuit at the di-
vide by 256 stage, as shown in Figure 12, page 14.
The number of times pulses are blanked (subtract-
ed, negative calibration) or split (added, positive
calibration) depends upon the value loaded into
the five-bit Calibration Byte found in the Control
Register. Adding counts speeds the clock up, sub-
tracting counts slows the clock down.
The Calibration Byte occupies the five lower order
bits in the Control register. This byte can be set to
represent any value between 0 and 31 in binary
form. The sixth bit is the Sign Bit; '1' indicates pos-
itive calibration, '0' indicates negative calibration.
Calibration occurs within a 64 minute cycle. The
first 62 minutes in the cycle may, once per minute,
have one second either shortened by 128 or
lengthened by 256 oscillator cycles. If a binary '1'
is loaded into the register, only the first 2 minutes
in the 64 minute cycle will be modified; if a binary
6 is loaded, the first 12 will be affected, and so on.
Therefore, each calibration step has the effect of
adding 512 or subtracting 256 oscillator cycles for
every 125,829,120 actual oscillator cycles; that is
+4.068 or –2.034 PPM of adjustment per calibra-
tion step in the calibration register. Assuming that
the oscillator is in fact running at exactly 32,768Hz,
each of the 31 increments in the Calibration Byte
would represent +10.7 or –5.35 seconds per
month which corresponds to a total range of +5.5
or –2.75 minutes per month.
Two methods are available for ascertaining how
much calibration a given M48T02/12 may require.
The first involves simply setting the clock, letting it
run for a month and comparing it to a known accu-
rate reference (like WWV broadcasts). While that
may seem crude, it allows the designer to give the
end user the ability to calibrate his clock as his en-
vironment may require, even after the final product
is packaged in a non-user serviceable enclosure.
All the designer has to do is provide a simple utility
that accesses the Calibration Byte.
The second approach is better suited to a manu-
facturing environment, and involves the use of
some test equipment. When the Frequency Test
(FT) Bit, the seventh-most significant bit in the Day
Register, is set to a '1,' and the oscillator is running
at 32,768 Hz, the LSB (DQ0) of the Seconds Reg-
ister will toggle at 512 Hz. Any deviation from 512
Hz indicates the degree and direction of oscillator
frequency shift at the test temperature. For exam-
ple, a reading of 512.01024 Hz would indicate a
+20 PPM oscillator frequency error, requiring a –
10 (WR001010) to be loaded into the Calibration
Byte for correction.
Note: Setting or changing the Calibration Byte
does not affect the Frequency Test output fre-
quency. The device must be selected and ad-
dresses must be stable at Address 7F9 when
reading the 512 Hz on DQ0.
The FT Bit must be set using the same method
used to set the clock: using the WRITE Bit. The
LSB of the Seconds Register is monitored by hold-
ing the M48T02/12 in an extended READ of the
Seconds Register, but without having the READ
Bit set. The FT Bit MUST be reset to '0' for normal
clock operations to resume.
Note: It is not necessary to set the WRITE Bit
when setting or resetting the Frequency Test Bit
(FT) or the Stop Bit (ST).
For more information on calibration, see the Appli-
cation Note AN924, “TIMEKEEPER® Calibration.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com