Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD782 Datasheet(PDF) 2 Page - LightGraphix

Part # LD782
Description  FIXED COMPACT INTERIOR/EXTERIOR 2-TONE LED DOWNLIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD782 Datasheet(HTML) 2 Page - LightGraphix

  LD782 Datasheet HTML 1Page - LightGraphix LD782 Datasheet HTML 2Page - LightGraphix LD782 Datasheet HTML 3Page - LightGraphix LD782 Datasheet HTML 4Page - LightGraphix LD782 Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 5 | Data sheet issued: 21 May 2026
LD782
LED ENGINE SPECIFICATION
LED ENGINE SPECIFICATION
Engine
E3
F1
Beam angles
12°, 26°
21°, 28°
LED manufacturer
NICHIA
CREE
Colour temperature*
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
Current
350mA [5W]
500mA [7]
350mA [3.5W]
500mA [5W]
700mA [7W]
LED power (Max)
4.2
6.0
3.2W
4.5W
6.3W
Delivered lumens (L100)
309
414
235
280
385
Lumens per circuit watt
62
59
81
73
67
CRI (Typ)
85
90
Forward voltage (V100)
14V
9V
Colour consistency
2 SDCM
3 SDCM
Peak intensity
4,233 cd
2,076 cd
LED lumens (at max output)
596
715
LOR
0.69
0.54
TM30
RF86 | RG98
RF90.1 | RG102.2
UGR***
7.9
10.3
LED lifetime
L90B5 at 90,000hrs
L80B5 at 80,000hrs
Applications
These values are based around a LD782-E3-500-LW30-NB & LD790-F1-700-LW30-MSB
*Lumen output data applies to all colour temperatures
**indicates the nominal power for the LED run at that particular current and includes losses associated with using an 85% efficient driver
*** UGR values based on room parameters of 4H 8H, C70 W50 F20
ENVIRONMENTAL
TM65
Available on request
TM66
2.5
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
MECHANICAL
350mA
500mA
700mA
Ambient temperature
55°C
E3
-20°C to 55°C
-20°C to 35°C
-
F1
-20°C to 55°C
-20°C to 40°C*
-20°C to 40°C*
Glass
Low iron clear glass, 1mm thick
Materials
Aluminium bezel, black anodised aluminium body
Weight of product
0.12kg
IP rating
IP65
Wiring
In-series constant current wiring (pre-wired with cables at a length of 190mm)
*When used in a 120x120x70 void



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com