Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD792 Datasheet(PDF) 4 Page - LightGraphix

Part # LD792
Description  ADJUSTABLE COMPACT INTERIOR/EXTERIOR 2-TONE LED DOWNLIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD792 Datasheet(HTML) 4 Page - LightGraphix

  LD792 Datasheet HTML 1Page - LightGraphix LD792 Datasheet HTML 2Page - LightGraphix LD792 Datasheet HTML 3Page - LightGraphix LD792 Datasheet HTML 4Page - LightGraphix LD792 Datasheet HTML 5Page - LightGraphix LD792 Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 6 | Data sheet issued: 21 May 2026
MIN
Recess
100*
60
26
Ø60
Ø38
Ø48.5
Ø54 Cut-out
LD792
Dimensions in mm
DIMENSIONS & FIXING OPTIONS
2 x spring clips are supplied as standard and provide a simple single-fix mounting method. Suitable for use in surfaces with a thickness of 5mm – 25mm.
30°
*see ceiling requirements table for more information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com