Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR16C Datasheet(PDF) 2 Page - LightGraphix

Part # LR16C
Description  INTERIOR LINEAR RIGID
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LR16C Datasheet(HTML) 2 Page - LightGraphix

  LR16C Datasheet HTML 1Page - LightGraphix LR16C Datasheet HTML 2Page - LightGraphix LR16C Datasheet HTML 3Page - LightGraphix LR16C Datasheet HTML 4Page - LightGraphix LR16C Datasheet HTML 5Page - LightGraphix LR16C Datasheet HTML 6Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LR16C
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 6 | Data sheet issued: 2 April 2026
WHITE LED ENGINE SPECIFICATION
Engine
LT500
LT900
LT1400
LT2000
Colour temperature*
2200K, 2400K, 2700K,
3000K, 4000K, 5000K
2200K, 2400K, 2700K,
3000K, 4000K, 5000K
2200K, 2400K, 2700K,
3000K, 4000K, 5000K
2200K, 2400K, 2700K,
3000K, 4000K, 5000K
Typical LED Circuit Wattage/m
3W
6W
9W
13W
Delivered lumens (L100)*
341
681
1022
1413
Delivered lm/Circuit W**
103
103
102
99
Source LED lm/m
494
987
1481
2048
Source lm/W
165
165
165
158
Forward voltage (V100)
24V
CRI
90
LOR
0.69
Colour Consistency
2 SDCM
LED Lifetime
L80B10 60,000Hrs.
Applications
These values are based on LR16C/3000K/1000mm
*See lumen variance table to the right for lumens apply across all colour temperatures
**LED wattage includes losses associated with using a 90% efficient driver
Ambient temperature
-20°C to 45°C*
Materials
Anodised Aluminum 6063 profile, polycarbonate Opal Diffuser, polycarbonate end caps, Stainless steel brackets
Weight of product (per m)
0.22Kg/m
IP rating
IP20
Cable
Pre-Wired 2 core silicon cable 1000mm**
Wiring
Parallel constant voltage wiring 24V
Max. Installed Length
2m
*For higher temperatures please contact sales@lightgraphix.co.uk
**Custom length on request
MECHANICAL
TM65
Available on request
TM66
1.9
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back products
to us for repair or refurbishment to extend their life without having to buy new fittings.
ENVIRONMENTAL
Lumen variance by CCT
2200K
-20%
2400K
-11%
2700K
-4%
3000K
0%
4000K
3%
5000K
6%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com