Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33172 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MC33172
Description  LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC33172 Datasheet(HTML) 1 Page - STMicroelectronics

  MC33172 Datasheet HTML 1Page - STMicroelectronics MC33172 Datasheet HTML 2Page - STMicroelectronics MC33172 Datasheet HTML 3Page - STMicroelectronics MC33172 Datasheet HTML 4Page - STMicroelectronics MC33172 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
December 1997
ORDER CODES
Part Number
Temperature Range
Package
ND
MC33172
-40
oC, +105oC
••
MC35172
-55
oC, +125oC
••
Example: MC33172N
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
45
6
7
8
-
+
-
+
Ouptut
Inverting Input 2
Non-inverting Input 2
Inverting Input 1
Output 1
Non-inverting Input 1
V
CC
V
CC
PIN CONNECTIONS (top view)
MC33172 - MC35172
LOW POWER
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
.
GOOD
CONSUMPTION/SPEED
RATIO
:
ONLY 200
µA/Amp FOR 2.1MHz, 2V/µs
.
SINGLE (OR DUAL) SUPPLY OPERATION
FROM +4V TO +44V (
±2V TO ±22V)
.
WIDE INPUT COMMON MODE VOLTAGE
RANGE INCLUDING VCC
-
.
LOW LEVEL OUTPUT VOLTAGE CLOSE TO
VCC
- : 100mV TYPICAL
.
PIN TO PIN COMPATIBLE WITH STANDARD
DUAL OP AMPs
DESCRIPTION
The MC33172 series are dual bipolar operational
amplifiers
offering
both
low
consumption
(200
µA/Amp) and good speed (2.1MHz, 2V/µs).
Moreover the Input Common Mode Range
extends down to the lower supply rail, allowing
single supply operation from +4V to +44V.
1/5


Similar Part No. - MC33172

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33172 STMICROELECTRONICS-MC33172 Datasheet
79Kb / 5P
LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Nov-2001
logo
ON Semiconductor
MC33172 ONSEMI-MC33172 Datasheet
227Kb / 16P
Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
STMicroelectronics
MC33172 STMICROELECTRONICS-MC33172 Datasheet
142Kb / 9P
Low power dual bipolar operational amplifiers
01-Jul-2008
logo
List of Unclassifed Man...
MC33172 ETC1-MC33172 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33172 ETC2-MC33172 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
More results

Similar Description - MC33172

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC3303 STMICROELECTRONICS-MC3303 Datasheet
322Kb / 11P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Aug-1998
MC33171-MC35171 STMICROELECTRONICS-MC33171-MC35171 Datasheet
50Kb / 5P
LOW POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC33172 STMICROELECTRONICS-MC33172 Datasheet
79Kb / 5P
LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Nov-2001
MC33174-MC35174 STMICROELECTRONICS-MC33174-MC35174 Datasheet
50Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Dec-1997
MC33174 STMICROELECTRONICS-MC33174 Datasheet
83Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2002
logo
BCD Semiconductor Manuf...
AZ4558C BCDSEMI-AZ4558C Datasheet
52Kb / 2P
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C BCDSEMI-AZ4558C_06 Datasheet
136Kb / 10P
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4559 BCDSEMI-AZ4559 Datasheet
146Kb / 10P
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC3303 STMICROELECTRONICS-MC3303_01 Datasheet
316Kb / 10P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-2001
MC33172 STMICROELECTRONICS-MC33172_08 Datasheet
142Kb / 9P
Low power dual bipolar operational amplifiers
01-Jul-2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com