Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST19NP18-TPM Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST19NP18-TPM
Description  Trusted Platform Module (TPM)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19NP18-TPM Datasheet(HTML) 1 Page - STMicroelectronics

  ST19NP18-TPM Datasheet HTML 1Page - STMicroelectronics ST19NP18-TPM Datasheet HTML 2Page - STMicroelectronics ST19NP18-TPM Datasheet HTML 3Page - STMicroelectronics ST19NP18-TPM Datasheet HTML 4Page - STMicroelectronics ST19NP18-TPM Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2006
Rev1
1/5
1
ST19NP18-TPM
Trusted Platform Module (TPM)
Features
■
Single-chip Trusted Platform Module (TPM)
■
Embedded TPM 1.2 firmware
■
TPM driver for BIOS and Windows® 2000/XP
■
33-MHz Low Pin Count (LPC) interface V1.1
■
Compliant with TCG PC client specific TPM
Implementation Specification (TIS) V1.2
■
Dedicated LPC communication buffer for TPM
commands handling optimization
■
Compliant with Trusted Computing Group
(TCG)(1) V1.1B / V1.2 specifications
■
Architecture based on ST19N Secure
Smartcard IC platform:
– 1088-bit Modular Arithmetic Processor
providing full support for Asymmetric
operations
– Hardware-based SHA-1 accelerator
enabling BIOS related fast hash operations
– FIPS 140-2 and AIS-31 compliant True
Random Number Generators
– Active security sensors
■
EEPROM-based NVM including 128 Bytes of
OTP area for production configuration
– Highly reliable CMOS EEPROM submicron
technology
– 10 year data retention
– 500,000 Erase/Write cycle endurance
– Storage for up to 30 keys
■
5 software-controlled General Purpose I/O
(GPIO) pins
■
Power-saving mode
■
Available in recommended TCG PC client 1.2
compatible TSSOP28 package
■
3.3V ± 10% power supply voltage
■
0 to 70oC operating temperature range
1.
TCG website: http://www.trustedcomputinggroup.org
Function
Speed(1)
1.
Typical values, independent of external clock
frequency and supply voltage.
RSA 1024-bit signature with CRT(1)
57 ms
RSA 1024-bit signature without CRT(2)
2.
CRT: Chinese Remainder Theorem.
189 ms
RSA 1024-bit verification (e=’$10001’)
3.7 ms
RSA 1024-bit key generation
1.6 s
RSA 2048-bit signature with CRT(2)
382 ms
RSA 2048-bit verification (e=’$10001’)
60 ms
TSSOP28
www.st.com


Similar Part No. - ST19NP18-TPM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19NA18 STMICROELECTRONICS-ST19NA18 Datasheet
88Kb / 4P
Smartcard MCU with MAP, IART, High Speed CPU Clock & 18 KBytes High Density EEPROM
23-Feb-2007
ST19NM34 STMICROELECTRONICS-ST19NM34 Datasheet
44Kb / 3P
Smartcard MCU With 34 Kbytes High Density EEPROM
Dec-2004
ST19NR66 STMICROELECTRONICS-ST19NR66 Datasheet
507Kb / 5P
Dual Contactless Smartcard MCU with 66 KBytes High Density EEPROM
17-Jan-2006
More results

Similar Description - ST19NP18-TPM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19WP18 STMICROELECTRONICS-ST19WP18 Datasheet
48Kb / 5P
Trusted Platform Module (TPM)
May-2004
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
Trusted Platform Module
logo
List of Unclassifed Man...
SSX35 ETC1-SSX35 Datasheet
240Kb / 14P
Trusted platform module (TPM)
logo
ATMEL Corporation
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
Trusted Platform Module
logo
Axiomtek Co., Ltd.
SBC86860 AXIOMTEK-SBC86860 Datasheet
190Kb / 1P
TPM 1.2 trusted platform
logo
Nuvoton Technology Corp...
NPCT42X NUVOTON-NPCT42X Datasheet
292Kb / 25P
Trusted Platform Module (TPM)
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
Trusted Platform Module
Revision 1.0 2019-04-08
logo
Microchip Technology
ATTPM20P MICROCHIP-ATTPM20P Datasheet
442Kb / 22P
Trusted Platform Module (TPM) 2.0 - SPI Interface
2018
logo
Infineon Technologies A...
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
Trusted Platform Module
Revision 1.3 2018-09-21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com