Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFT12N100Q Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFT12N100Q
Description  HiPerFETTM Power MOSFETs Q Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT12N100Q Datasheet(HTML) 1 Page - IXYS Corporation

  IXFT12N100Q Datasheet HTML 1Page - IXYS Corporation IXFT12N100Q Datasheet HTML 2Page - IXYS Corporation IXFT12N100Q Datasheet HTML 3Page - IXYS Corporation IXFT12N100Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
1000
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
12N100Q
12
A
10N100Q
10
A
I
DM
T
C = 25°C,
12N100Q
48
A
pulse width limited by T
JM
10N100Q
40
A
I
AR
T
C = 25°C
12N100Q
12
A
10N100Q
10
A
E
AR
T
C = 25°C
30
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J ≤ 150°C, RG = 2 Ω
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
TO-247 AD
6
g
TO-268
4
g
N-Channel Enhancement Mode
Avalanche Rated
Low Q
g, High dv/dt
Features
IXYS advanced low Q
g process
Low gate charge and capacitances
- easier to drive
- faster switching
International standard packages
Low R
DS (on)
Unclamped Inductive Switching (UIS)
rated
Molding epoxies meet UL 94 V-0
flammability classification
Advantages
Easy to mount
Space savings
High power density
97539D(12/02)
TO-247 AD (IXFH)
G = Gate
D
= Drain
S = Source
TAB = Drain
HiPerFETTM
Power MOSFETs
Q Class
TO-268 (D3) ( IXFT)
(TAB)
G
S
V
DSS
I
D25
R
DS(on)
IXFH/IXFT12N100Q
1000 V 12 A 1.05
Ω
Ω
Ω
Ω
Ω
IXFH/IXFT10N100Q
1000 V 10 A 1.20
Ω
Ω
Ω
Ω
Ω
t
rr ≤
≤≤≤≤ 250 ns
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 3 mA
1000
V
V
GS(th)
V
DS = VGS, ID = 4 mA
2.5
5.5
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±100
nA
I
DSS
V
DS = 0.8 • VDSS
T
J = 25°C
50
µA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
12N100Q
1.05
Ω
10N100Q
1.20
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %


Similar Part No. - IXFT12N100Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT12N100QHV IXYS-IXFT12N100QHV Datasheet
205Kb / 5P
High Voltage Power MOSFET
More results

Similar Description - IXFT12N100Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH90N20Q IXYS-IXFH90N20Q Datasheet
100Kb / 2P
HiPerFETTM Power MOSFETs Q-CLASS
IXFH20N80Q IXYS-IXFH20N80Q Datasheet
72Kb / 2P
HiPerFETTM Power MOSFETs Q-Class
IXFH26N60Q IXYS-IXFH26N60Q Datasheet
107Kb / 2P
HiPerFETTM Power MOSFETs Q-Class
IXFH7N90Q IXYS-IXFH7N90Q Datasheet
55Kb / 2P
HiPerFETTM Power MOSFETs Q-Class
IXFR26N60Q IXYS-IXFR26N60Q Datasheet
37Kb / 2P
HiPerFETTM Power MOSFETs ISOPLUS247 Q-CLASS
IXFT15N100Q3 IXYS-IXFT15N100Q3 Datasheet
134Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
IXFT18N100Q3 IXYS-IXFT18N100Q3 Datasheet
137Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
IXFT30N50Q3 IXYS-IXFT30N50Q3 Datasheet
138Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
IXFT44N50Q3 IXYS-IXFT44N50Q3 Datasheet
138Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
IXFT50N30Q3 IXYS-IXFT50N30Q3 Datasheet
139Kb / 5P
HiperFETTM Power MOSFETs Q3-Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com