Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFT10N100Q Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFT10N100Q
Description  HiPerFETTM Power MOSFETs Q Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT10N100Q Datasheet(HTML) 4 Page - IXYS Corporation

  IXFT10N100Q Datasheet HTML 1Page - IXYS Corporation IXFT10N100Q Datasheet HTML 2Page - IXYS Corporation IXFT10N100Q Datasheet HTML 3Page - IXYS Corporation IXFT10N100Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
V
DS - Volts
10
100
1000
0.1
1
10
100
Pulse Width - Seconds
10-5
10-4
10-3
10-2
10-1
100
101
0.001
0.01
0.1
1
V
DS - Volts
0
5
10
15
20
25
30
35
40
50
100
250
500
1000
2500
5000
Gate Charge - nC
0
20406080
100
0
2
4
6
8
10
12
Crss
Coss
Ciss
V
DS = 500V
I
D = 6A
f = 1MHz
T
C = 25
OC
10ms
1ms
100ms
DC
D=0.1
D=0.05
D=0.02
D=0.01
Single pulse
D = Duty Cycle
0.1ms
D=0.2
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
30
T
J = 125
OC
T
J = 25
OC
D=0.5
Figure 7. Gate Charge
Figure 9. Source Current vs. Source to Drain Voltage
Figure 8. Capacitance Curves
Figure 11. Transient Thermal Resistance
Figure 10. Forward Bias Safe Operating Area
IXFH/IXFT 12N100Q
IXFH/IXFT 10N100Q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com