Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYNX16RG Datasheet(PDF) 4 Page - STMicroelectronics

Part # TYNX16RG
Description  16 A standard SCRs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYNX16RG Datasheet(HTML) 4 Page - STMicroelectronics

  TYNX16RG Datasheet HTML 1Page - STMicroelectronics TYNX16RG Datasheet HTML 2Page - STMicroelectronics TYNX16RG Datasheet HTML 3Page - STMicroelectronics TYNX16RG Datasheet HTML 4Page - STMicroelectronics TYNX16RG Datasheet HTML 5Page - STMicroelectronics TYNX16RG Datasheet HTML 6Page - STMicroelectronics TYNX16RG Datasheet HTML 7Page - STMicroelectronics TYNX16RG Datasheet HTML 8Page - STMicroelectronics TYNX16RG Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
TN1625, TYN616, TYN816
4/9
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms, and
corresponding values of I2t
Figure 8.
On-state characteristics (maximum
values)
Figure 9.
Thermal resistance junction to
ambient versus copper surface
under tab
(epoxy printed circuit board FR4,
copper thickness: 35 µm) (D2PAK)
0.01
0.10
1.00
10.00
10
100
1000
2000
I
(A), I t (A s)
TSM
22
t (ms)
p
I t
2
ITSM
T initial = 25°C
j
dI/dt limitation
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1
10
100
200
I
(A)
TM
V
(V)
TM
Tj=max
T =25°C
j
V =0.77V
R =23m
T max.:
j
t0
d
Ω
0
4
8
12
1620242832
3640
0
10
20
30
40
50
60
70
80
S(cm²)
R
(°C/W)
th(j-a)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com