Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC547 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BC547
Description  NPN SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BC547 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BC547 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
汕头华汕电子器件有限公司
N P N
S I L I C O N
T R A N S I S T O R
H547
对应国外型号
BC547
█ 主要用途
█ 外形图及引脚排列
开关和射频放大。
█ 极限值(T
a=25℃)
1―集电极,C
2―基
极,B
3―发射极,E
TO-92
Tstg——贮存温度………………………………… -55~150℃
T j ——结温 …………………………………………… 150 ℃
PC——集电极耗散功率…………………………………500mW
VCBO——集电极—基极电压………………………………50V
VCEO——集电极—发射极电压……………………………45V
VEBO——发射极—基极电压………………………………6V
IC——集电极电流………………………………………100mA
█ 电参数(T
a=25℃)
参数符号
符
号
说
明
最小值
典型值
最大值
单 位
测
试
条
件
ICBO
HFE
VCE(sat)
VBE(sat)
VBE(on)
fT
NF
集电极—基极截止电流
直流电流增益
集电极—发射极饱和电压
基极—发射极饱和电压
基极—发射极导通电压
特征频率
噪声系数
110
0.58
0.09
0.2
0.7
0.9
0.66
300
2
15
800
0.25
0.6
0.7
0.72
10
nA
V
V
V
V
V
V
MHz
dB
VCB=30V, IE=0
VCE=5V, IC=2mA
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
VCE=5V, IC=2mA
VCE=5V, IC=10mA
VCE=5V, IC=10mA,
f=100MHz
VCE=5V,IC=200μA
f=1KHz,Rg=2KΩ
█ 分档及其标志
A
B
C
110—220
200—450
420—800


Similar Part No. - BC547

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC547 PHILIPS-BC547 Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Semtech Corporation
BC547 SEMTECH-BC547 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC547 SIEMENS-BC547 Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC547 FAIRCHILD-BC547 Datasheet
44Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC547

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com