Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE-24A-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # NE-24A-R
Description  Signal Beacon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NE-24A-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  NE-24A-R Datasheet HTML 1Page - PATLITE CORPORATION. NE-24A-R Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[General Specifications]
Model Number Configuration
Operating Voltage Range
Outer Dimensions
Refer to the Outer Dimension Drawing
UL 508, CSA-C22.2 No. 14
EMC Directive (EN 61000-6-4, EN 61000-6-2)
RoHS Directive (EN IEC 63000)
Insulation Resistance
More than 5MΩ at 500VDC between live part and non-current carrying metallic part
Withstand Voltage
500VAC applied for 1min between live part and non-current carrying metallic part
without breaking insulation
Mass (Tolerance ±10%)
0.06kg
Mounting Direction
All Directions
Protection Rating
IP65, NEMA TYPE 4X, 13
All Directions
Environmental
Condition
Storage Ambient Temperature
-40℃ to +75℃
Storage Ambient Humidity
Less than 90% (No condensation)
Mounting Location
Indoor
0.7W
-30℃ to +50℃
Less than 90% (No condensation)
Operating Ambient Temperature
Operating Ambient Humidity
Rated Power
Consumption
Typ.
Max.
22mA
Rated Current
Consumption
Typ.
Max.
26mA
0.6W
Page
SPECIFICATIONS
Conformity Standards
Product Name
Signal Beacon
Model
NE-24A-□
Rated Voltage
24V DC
Rated Voltage ±10%
Remarks
Due to the characteristics of the LED elements, a variation in difference of the color
tone and brightness of every product may occur.
UL Recognized Component (File No.E215660)
Conforms to the CE Requirements
Conforms to the UKCA Requirements
Drawing No.
Rev.
D
Luminous Color
1/2
NE-24A-W18


Similar Part No. - NE-24A-R

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
NE-2D VCC-NE-2D Datasheet
77Kb / 2P
Neon Indicator Lamps
NE-2J VCC-NE-2J Datasheet
77Kb / 2P
Neon Indicator Lamps
More results

Similar Description - NE-24A-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL1BLB ETC2-DL1BLB Datasheet
99Kb / 2P
DL1BLB Indicating Beacon
logo
Banner Engineering Corp...
K50 BANNER-K50_V11 Datasheet
481Kb / 6P
EZ-LIGHT짰 K50 Beacon
logo
Schneider Electric
XVR3B03S SCHNEIDER-XVR3B03S Datasheet
158Kb / 5P
Harmony XVR, Illuminated beacon with buzzer, Harmony XVR, Illuminated beacon with buzzer, DC
May 24, 2021
logo
Pepperl+Fuchs Inc.
LOC-EX01 PF-LOC-EX01 Datasheet
959Kb / 2P
Bluetooth짰 Low Energy Beacon
2021-06-28
LOC01HC PF-LOC01HC Datasheet
1Mb / 2P
Bluetooth짰 Low Energy Beacon
2021-12-07
LOC01SC PF-LOC01SC Datasheet
1Mb / 2P
Bluetooth짰 Low Energy Beacon
2021-12-07
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 6P
K100 Pro Indicator Beacon – DC
Rev. C 29 September 2022
logo
Schneider Electric
XVR08B06 SCHNEIDER-XVR08B06_V01 Datasheet
110Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 12, 2022
XVR12B03 SCHNEIDER-XVR12B03_V01 Datasheet
121Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 13, 2022
XVR13M04L SCHNEIDER-XVR13M04L_V01 Datasheet
128Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 13, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com