Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFH-BT-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # PFH-BT-R
Description  Upright
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

PFH-BT-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  PFH-BT-R Datasheet HTML 1Page - PATLITE CORPORATION. PFH-BT-R Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[General Specifications]
Operating Ambient Temperature
Mounting Direction
Conforms to the CE Requirements
Conforms to the UKCA Requirements
Outer Dimensions
Refer to the Outer Dimension Drawing
Conformity Standards
RoHS Directive (EN IEC 63000)
EMC Directive (EN 61000-6-4, EN 61000-6-2)
Remarks
*1 Battery lifespan changes drastically, based on the operating environment conditions.
*2 The data is based on ambient temprature of 25 ℃, alkaline dry cell , and flash
pattern set at double flash.
Flashing Pattern
Double-flash / Single-flash
Peak luminous Intensity(Typ.)
Mass (Tolerance ±10%)
0.51 kg (Not including battery)
Power Mode:24hrs. *1 *2
Eco Mode:100hrs. *1 *2
Battery Lifespan
Less than 90 %RH No condensation (Battery is removed)
- 30 ℃ to + 60 ℃ (Battery is removed)
Less than 90%RH No condensation (Battery is removed)
Indoors and Outdoors
Upright ,Sideways (Power Switch is downward)
IP 55 (IEC 60529)
Model
Page
SPECIFICATIONS
Drawing No.
Rev.
PFH-BT-W18
E
PFH-BT-R
PFH-BT-Y
Red
Amber
Operating Ambient Humidity
Storage Ambient Temperature
Color
Rated Voltage
6VDC (4 - LR6 Alkaline dry cell batteries)
- 10 ℃ to + 50℃ (Battery is removed)
Storage Ambient Humidity
Mounting Location
Environmental
Condition
Upright
40cd (Power Mode)
140cd (Power Mode)
Protection Rating
Flashing Mode
Power Mode / Eco Mode
1/2


Similar Part No. - PFH-BT-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PFH500A-28-000-R TDK-PFH500A-28-000-R Datasheet
243Kb / 1P
AC-DC Power Supplies
June 28, 2022
PFH500A-28-100-R TDK-PFH500A-28-100-R Datasheet
243Kb / 1P
AC-DC Power Supplies
PFH500F-12-000-R TDK-PFH500F-12-000-R Datasheet
247Kb / 2P
AC-DC Power Supplies
June 28, 2022
PFH500F-12-0D0-R TDK-PFH500F-12-0D0-R Datasheet
247Kb / 2P
AC-DC Power Supplies
June 28, 2022
PFH500F-12-100-R TDK-PFH500F-12-100-R Datasheet
247Kb / 2P
AC-DC Power Supplies
June 28, 2022
More results

Similar Description - PFH-BT-R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442A1474K EPCOS-B82442A1474K Datasheet
113Kb / 9P
Upright ferrite drum core
logo
Adam Technologies, Inc.
USB-A-S-RU-WT ADAM-TECH-USB-A-S-RU-WT Datasheet
85Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
USB-A-S-RU-WT-HT-1 ADAM-TECH-USB-A-S-RU-WT-HT-1 Datasheet
87Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
logo
Bud Industries, Inc.
E-2000 BUD-E-2000 Datasheet
104Kb / 1P
SERIES 2000 UPRIGHT CABINET RACK
60-2300 BUD-60-2300 Datasheet
100Kb / 1P
SERIES 60 UPRIGHT CABINET RACK
30-2300 BUD-30-2300 Datasheet
86Kb / 1P
SERIES 30 UPRIGHT CABINET RACK
E30-2000 BUD-E30-2000 Datasheet
89Kb / 1P
SERIES 30-2000 UPRIGHT CABINET RACK
E-2024 BUD-E-2024 Datasheet
110Kb / 1P
SERIES 2000 UPRIGHT CABINET RACK(LOUVERED)
logo
Kycon, Inc.
KUSBX-SL-CS KYCON-KUSBX-SL-CS Datasheet
600Kb / 1P
Upright USB, C Type Jack, 14Pin
logo
Pepperl+Fuchs Inc.
VAZ-TUBE400-70MM PF-VAZ-TUBE400-70MM Datasheet
247Kb / 1P
Stack light upright
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com