Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLR-M2 Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # RLR-M2
Description  LED 162mm Rotating
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

RLR-M2 Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  RLR-M2 Datasheet HTML 1Page - PATLITE CORPORATION. RLR-M2 Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[General Specifications]
<Model Number Configuration>
R L R -
R : Red
Y : Amber
:
G : Green
:
B : Blue
: 12V DC / 24VDC
: 48V DC
: 100V AC to 240V AC
Mass
1.0±0.1kg
1.06±0.1kg
7.8W
Inrush Current
12V DC: 12A, 0.3ms
24V DC: 23A, 0.3ms
48V DC: 0.5A, 800ms
100V AC: 3.5A, 2ms
200V AC: 7.0A, 2ms
Operating Ambient Temperature
-10℃ to +50℃
-30℃ to +70℃
48V DC
100V AC to 240V AC (50/60Hz)
9V DC to 32V DC
35V DC to 60V DC
90V AC to 250V AC (50/60Hz)
12V DC / 24V DC
Rated Power Consumption
7.6W
8.2W
Rated Voltage
Operating Voltage Range
□□
04
None
-P
M1
-
Installation pitch circle φ140
Remarks
-P-□
Conforms to the CE Requirements (Excluding RLR-M2)
M2
Installation pitch circle φ120
Vibration Resistance
45m/s²
(JIS D 1601-1995, 45 steps)
Conformity Standards
EMC Directive (EN 61000-6-2, EN 61000-6-4)
Luminous Intensity
Red :1,500cd  Amber :5,400cd  Green :3,900cd  Blue :1,000cd
Outer Dimensions
Refer to the Outer Dimension Drawing
110m/s²
(JIS D 1601-1995, 110 steps)
Insulation Resistance
Mounting Location
Indoors and Outdoors
Mounting Direction
Upringht, Inverted
Protection Rating
IP66
between live part and non-current carrying metallic part
More than 1M at 500V DC
Withstand Voltage
Product Name
LED 162mm Rotating
Model
RLR-M1
Operating Ambient Humidity
Less than 90% (No condensation)
RLR-04
RLR-M2
SPECIFICATIONS
There are no contents of controlled substances exceeding the threshold for the RoHS Directive.
More than 3M at 500V DC
Drawing No.
Rev.
Page
G
Conforms to the UKCA Requirements (Excluding RLR-M2)
500V AC applied for 1min
4000V AC applied for 1min
between live part and non-current carrying metallic part without breaking insulation
Flashing Rate
105 ±16 Flashes Per Minute
1/2
RLR-W18


Similar Part No. - RLR-M2

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
RLR TTELEC-RLR Datasheet
254Kb / 3P
4.3 ohms to 3.01M ohms
RLR05 TTELEC-RLR05 Datasheet
155Kb / 3P
Established Reliability Mil-Qualified Metal Glaze™ Resistor
RLR05/S TTELEC-RLR05/S Datasheet
155Kb / 3P
Established Reliability Mil-Qualified Metal Glaze™ Resistor
logo
Vishay Siliconix
RLR05C1652FSB14 VISHAY-RLR05C1652FSB14 Datasheet
151Kb / 4P
Metal Film Resistors
19-Nov-12
RLR05C1R00FMB141 VISHAY-RLR05C1R00FMB141 Datasheet
151Kb / 4P
Metal Film Resistors
19-Nov-12
More results

Similar Description - RLR-M2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5790 POMONA-5790 Datasheet
37Kb / 1P
Rotating Micrograbber Test Clip & Kit
logo
BOWIN ELECTRONIC CO.
LSI6015N BOWIN-LSI6015N Datasheet
93Kb / 9P
Rotating Clock
logo
PHOENIX CONTACT
2700116 PHOENIX-2700116 Datasheet
178Kb / 5P
LED rotating light element, 24 V AC/DC
2700125 PHOENIX-2700125 Datasheet
178Kb / 5P
LED rotating light element, 24 V AC/DC
logo
Schneider Electric
XVR08B06 SCHNEIDER-XVR08B06_V01 Datasheet
110Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 12, 2022
XVR12B03 SCHNEIDER-XVR12B03_V01 Datasheet
121Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 13, 2022
XVR12B04S SCHNEIDER-XVR12B04S_V01 Datasheet
125Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 12, 2022
XVR13B04 SCHNEIDER-XVR13B04_V01 Datasheet
124Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 11, 2022
XVR13M04L SCHNEIDER-XVR13M04L_V01 Datasheet
128Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 13, 2022
logo
iMEX Lasers is owned by...
I88G IMEX-I88G Datasheet
553Kb / 2P
ROTATING LASER LEVEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com