Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF08-M1KTB-R Datasheet(PDF) 5 Page - PATLITE CORPORATION.

Part # SF08-M1KTB-R
Description  Multi-function Beacons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SF08-M1KTB-R Datasheet(HTML) 5 Page - PATLITE CORPORATION.

  SF08-M1KTB-R Datasheet HTML 1Page - PATLITE CORPORATION. SF08-M1KTB-R Datasheet HTML 2Page - PATLITE CORPORATION. SF08-M1KTB-R Datasheet HTML 3Page - PATLITE CORPORATION. SF08-M1KTB-R Datasheet HTML 4Page - PATLITE CORPORATION. SF08-M1KTB-R Datasheet HTML 5Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
■
SF08-M1JN
■
SF08-M2JN
■
SF08-M1KT□
■
SF08-M2KT□
※
For No Buzzer Models,
do not require wiring.
■
Flash Pattern List
The rotary switch is set to 0 when shipped from the factory.
[5.Wiring Example]
Drawing No.
Rev.
Page
SF08-M1JN-
W18
H
CH1
CH2
CH1
CH2
CH1
CH2
CH1
CH2
OFF
OFF
ON
OFF
OFF
ON
ON
ON
0
1
2
3
4
5
6
7
8
9
= Dimmed
= Half-side emitted
Rotating(120 rpm)
Rotating(120 rpm)
Rotating(120 rpm)
Rotating(120 rpm)
Rotating(180 rpm)
Rotating(180 rpm)
Rotating(180 rpm)
Rotating(180 rpm)
Pulse pattern
Pulse pattern
Pulse pattern
Pulse pattern
Rotating(60 rpm)
Rotating(60 rpm)
Rotating(60 rpm)
Rotating(60 rpm)
Off
Single-flash
Double-flash
Triple-flash
Triple-flash
Triple-flash
Triple-flash
Triple-flash
Off
Triple-flash
Pulse pattern
Triple-flash
Off
Rotating(60 rpm)
Rotating(120 rpm)
Rotating(180 rpm)
Off
Rotating(120 rpm)
Triple-flash
Rotating(120 rpm)
Off
Rotating(180 rpm)
Triple-flash
Rotating(180 rpm)
Rotary
switch
Wiring
【
External contact capacity of power supply line】
M1
M2
Current Capacity (Is)
3A or more
1A or more
【
External contact capacity of signal line and buzzer line】 ※1
M1
M2
Current Capacity (Is)
10mA or more 10mA or more
Withstand Voltage (Vs)
20V or more
20V or more
Leakage Current (IL)
0.1mA or less
0.1mA or less
【
Fuse】
Fuse Rating
250V 1A
※
1 When using NPN transistor open collector.
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com