Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT-24D-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # RT-24D-R
Description  Upright
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

RT-24D-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  RT-24D-R Datasheet HTML 1Page - PATLITE CORPORATION. RT-24D-R Datasheet HTML 2Page - PATLITE CORPORATION. RT-24D-R Datasheet HTML 3Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Luminous Intensity (No Globe)
7,500cd
10,000cd
Upright
Operating Ambient Humidity
Mounting Location
Indoors / Outdoors
Sound Pressure
Level
Withstand Voltage
Protection Rating
Insulation Resistance
Channel Input
Bit Input (When Sound Group "A" to "G" is selected)
Binary Input (When Sound Group "H" is Selected)
500V AC
1000V AC
95±30 Flashes Per Minute
105±30 Flashes Per Minute
Channel Input Priority
Number of Channels
300ms or less (Operation done by both CH signal input or direct power input)
Flashing Rate
Bit Input : 8 / Binary Input : 32
Condition for determination:Fit the product on the plate of □300mm, and measure the level with the sound
5."Rapid Hi-Lo" at the distance of 1m from the center the product, in the front direction.
CH8(Blue) > CH7(Green) > CH6(Orange) > CH5(Purple) > CH4(Light Green) > CH3(Pink) > CH2(Yellow) > CH1(Sky Blue)
1500V AC
※The sound pressure level may be lower depending on the Sound, usage environment, and supplied voltage.
adjustable : Min~Max
12V 15W (G18/BA15S)
-20℃~50℃
2.5kg
RT-24A-W18G-1_3
Bulb
24V 20W (G18/BA15S)
Applied for 1min between terminals and chassis without breaking insulation
Mounting Direction
RT-100□-□
100V AC (50/60Hz)
21~27V DC
180~240V AC
RT-24□-□
Level Hold Input (Sound is played when the CH wire is short-circuited to the COM wire)
IP23
More than 1MΩ at 500VDC between the terminals and the chassis
CH1 plays when Select Switch 4 is turned on.
Mass (Tolerance±10%)
30Hz, Back and forth 2h・Right and Left 2h・Up and down 4h
2.0kg
Operating Ambient Temperture
115±30 Flashes Per Minute
Specifications
Less than 85%RH (No Condensation)
Starting Time
Volume
Input Method
Test Play
24V DC 
RT-200□-□
90~110V AC
MODEL
Max.24W
19.6m/s
2
Vibration Resistance
Rated Voltage
Operating Voltage Range
Rated Power Consumption
200V AC (50/60Hz)
Max.30W
Max.32W
105dB or more
Model Number
Configuration
RT
- 24
A-
R
■Rated Voltage
■Sonud Type
■Dome Color
24 : 24V DC
A : A Type
R : Red
100 : 100V AC
C : C Type
Y : Yellow
E : E Type
B : Blue
200 : 200V AC
D : D Type
G : Green
12 3 4


Similar Part No. - RT-24D-R

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
RT-24D-R+FC015 PATLITE-RT-24D-R+FC015 Datasheet
493Kb / 3P
Rotating Beacon with MP3 Voice Annunciator Horn
Rev. D
More results

Similar Description - RT-24D-R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442A1474K EPCOS-B82442A1474K Datasheet
113Kb / 9P
Upright ferrite drum core
logo
Adam Technologies, Inc.
USB-A-S-RU-WT ADAM-TECH-USB-A-S-RU-WT Datasheet
85Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
USB-A-S-RU-WT-HT-1 ADAM-TECH-USB-A-S-RU-WT-HT-1 Datasheet
87Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
logo
Bud Industries, Inc.
E-2000 BUD-E-2000 Datasheet
104Kb / 1P
SERIES 2000 UPRIGHT CABINET RACK
60-2300 BUD-60-2300 Datasheet
100Kb / 1P
SERIES 60 UPRIGHT CABINET RACK
30-2300 BUD-30-2300 Datasheet
86Kb / 1P
SERIES 30 UPRIGHT CABINET RACK
E30-2000 BUD-E30-2000 Datasheet
89Kb / 1P
SERIES 30-2000 UPRIGHT CABINET RACK
E-2024 BUD-E-2024 Datasheet
110Kb / 1P
SERIES 2000 UPRIGHT CABINET RACK(LOUVERED)
logo
Kycon, Inc.
KUSBX-SL-CS KYCON-KUSBX-SL-CS Datasheet
600Kb / 1P
Upright USB, C Type Jack, 14Pin
logo
Pepperl+Fuchs Inc.
VAZ-TUBE400-70MM PF-VAZ-TUBE400-70MM Datasheet
247Kb / 1P
Stack light upright
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com