Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKH-M1J-R Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # SKH-M1J-R
Description  Rotating Beacons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SKH-M1J-R Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  SKH-M1J-R Datasheet HTML 1Page - PATLITE CORPORATION. SKH-M1J-R Datasheet HTML 2Page - PATLITE CORPORATION. SKH-M1J-R Datasheet HTML 3Page - PATLITE CORPORATION. SKH-M1J-R Datasheet HTML 4Page - PATLITE CORPORATION. SKH-M1J-R Datasheet HTML 5Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
[2.Model Number Configuration]
■
Rated Voltage• Wiring
■
Buzzer
■
LED Unit Color
:
12-24V DC・Cabtyre Cord
(None) :
No Buzzer
R : Red
:
12-24V DC・Terminal Block
B
:
With Buzzer
Y : Amber
:
100-240V AC・Cabtyre Cord
G : Green
:
100-240V AC・Terminal Block
B : Blue
[mm]
・
Maximum Board Thickness:8
[3.Outer Dimensions]
M1T
PC
Name
2
Material ・ Specification
PC
Globe
Case
1 J B - R
Drawing No.
Rev.
Page
SKH-M1J-
W18
H
4
Terminal Block
S K H -
M1J
Cabtyre Cord
1
M
Applicable Wire Size Solid Wire : 0.13-1.5mm2 ,
Stranded Wire : AWG28-14
M2J
M2T
UL2464, PVC, M1J□ : AWG22×3, M2J□ : AWG18×2+AWG24×2
LCP GF,
3
Number
Nameplate
φ
100
3-M5
(SUS)
From the cord outlet 500±30
From the cord outlet 500±30
φ
7.7
φ
7.7
φ
100
Plain Washer(M5)
Nut(M5)
SUS
SUS
3 pcs.
3 pcs.
Accessory
■
SKH-M2J
■
SKH-M1J
■SKH-M1J/SKH-M2J
■SKH-M1T/SKH-M2T
3-M5
(SUS)
Nameplate
Nameplate
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com