Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKP-M1J-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # SKP-M1J-R
Description  Rotating Beacons
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SKP-M1J-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  SKP-M1J-R Datasheet HTML 1Page - PATLITE CORPORATION. SKP-M1J-R Datasheet HTML 2Page - PATLITE CORPORATION. SKP-M1J-R Datasheet HTML 3Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
[1.General Specifications]
IEC/EN60947-5-1,EN62471
UL and Low Voltage Directive have been evaluated for use
in indoor industrial control equipment.
Low Voltage
Directive
Remarks
without breaking insulation
0.70kg
0.67kg
Conformity
Standards
UL508, CSA-C22.2 No.14 (UL File No.E215660)
EN61000-6-2
EN61000-3-2, EN61000-3-3
KN61000-6-4, KN61000-6-2
and non-current carrying metallic part
and non-current carrying metallic part
120 rpm
-10℃ to +50℃
-20℃ to +60℃
Withstand Voltage
500V AC applied for 1min between live part
4,000V AC applied for 1min between live part
and non-current carrying metallic part
and non-current carrying metallic part
Storage Ambient Temperature
24V DC
3.0W
2.9W
2.5W
More than 1MΩ at 500V DC between live part More than 3MΩ at 500V DC between live part
Less than 90 % (No condensation)
IP23
10-30V DC
Rated Current
Consumption
Max.
Rated Power
Consumption
Max.
0.04A
0.07A
Mounting Direction
RoHS Directive
KC
FCC
EN IEC 63000
UL
EMC Directive
FCC Part15 SubpartB ClassA, ICES-003 ClassA
EN61000-6-4
EN61000-6-4, EN61000-6-2
Operating Ambient Humidity
Indoor : Upright, Inverted & Sideways
Indoor/Outdoor
90-250V AC
100V AC
Mass (Typ.)
Protection Rating
Outdoor : Upright
Mounting Location
Drawing No.
Rev.
H
Page
0.12A
0.21A
12V DC
Less than 90 % (No condensation)
Operating Ambient Temperature
SPECIFICATIONS
Operating Voltage Range
SKP-M1J-□
240V AC
Product Name
Rotating Beacons
Model
Storage Ambient Humidity
SKP-M2J-□
Rated Voltage
12-24V DC
100-240V AC (50/60Hz)
Upright
Flashing Rate (Typ.)
Insulation Resistance
Environmental Condition
without breaking insulation
Conforms to the UKCA Requirements
Conforms to the CE Requirements
Due to the characteristics of the LED elements, there may be a slight variation in color
tone and brightness between products.
1/3
SKP-M1J-W18


Similar Part No. - SKP-M1J-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SKP-MS401 ETC2-SKP-MS401 Datasheet
169Kb / 1P
SMALL PIR MODULE WITH LENS
SKP-MS401PIR ETC2-SKP-MS401PIR Datasheet
169Kb / 1P
SMALL PIR MODULE WITH LENS
More results

Similar Description - SKP-M1J-R

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
Pomona Electronics
5790 POMONA-5790 Datasheet
37Kb / 1P
Rotating Micrograbber Test Clip & Kit
logo
List of Unclassifed Man...
51A-G1 ETC2-51A-G1 Datasheet
556Kb / 2P
Beacons with Horn Flashing Incandescent
logo
BOWIN ELECTRONIC CO.
LSI6015N BOWIN-LSI6015N Datasheet
93Kb / 9P
Rotating Clock
logo
List of Unclassifed Man...
LEDS100-01 ETC2-LEDS100-01 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
LED-TLM-02 ETC2-LED-TLM-02 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
logo
Schneider Electric
XVR08B06 SCHNEIDER-XVR08B06_V01 Datasheet
110Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 12, 2022
XVR12B03 SCHNEIDER-XVR12B03_V01 Datasheet
121Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 13, 2022
XVR13M04L SCHNEIDER-XVR13M04L_V01 Datasheet
128Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 13, 2022
logo
iMEX Lasers is owned by...
I88G IMEX-I88G Datasheet
553Kb / 2P
ROTATING LASER LEVEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com