Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFT-24E-R Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # RFT-24E-R
Description  Upright
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

RFT-24E-R Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  RFT-24E-R Datasheet HTML 1Page - PATLITE CORPORATION. RFT-24E-R Datasheet HTML 2Page - PATLITE CORPORATION. RFT-24E-R Datasheet HTML 3Page - PATLITE CORPORATION. RFT-24E-R Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
・Conforms to the UKCA Requirements
Conformity Standards
Mounting Location
Indoors / Outdoors
1500V AC
Applied for 1min between terminals and chassis without breaking insulation
・EMC Directive
(EN 55011, EN 61000-6-2)
・RoHS Directive (EN IEC 63000)
Upright direction mounting: 19.6m/s
2
Sound Pressure
Level
Protection Rating
Channel Input Priority
Operating Ambient
Humidity
Revolving Light
Operating Ambient
Temperature
Channel Input Mode
Volume Control
Number of Playback
Sounds
Channel Input Method
IP54 (Upright direction only )
More than 1MΩ at 500VDC between the terminals and the chassis
Insulation Resistance
■Rated
1.2kg
A
-
Bit input mode (Switch No. 4: OFF )
CH1~8: CH input
* Factory default setting
115 ± 15 Flashes Per Minute
R
■Revolving Light Color
Indoor: ○ / Outdoor: ×
Indoor: ○ / Outdoor: ○
500V AC
1000V AC
: 24V DC
: Red
: A type
Max. 13W
Max.: 90dB or more
Sound reduction input: -10dB ± 2dB (Binary input mode only)
Measured sound: 05. "Rapid Hi-Lo"
□300mm plate
MIC
the sound and usage environment.
*Sound pressure level may be lower depending on
1m
Measurement reference fig.
CH8 > CH7 > CH6 > CH5 > CH4 > CH3 > CH2 > CH1 (Bit input mode only)
Adjustable range: Min~Max
Level hold input (Sound is played back while COM and CH terminals are shorted)
Red
LED
*Light color cannot be changed by exchanging the dome because the light source is colored LED
3000 cd or more
Binary input mode: 32 sounds
Color
Brightness
Bit input mode: 8 sounds
2500 cd or more
3000 cd or more
2000 cd or more
Blue
Green
Yellow
RFT-100□-□
100V AC 50/60Hz
24V DC ±10%
220V AC ±10%
100V AC ±10%
220V AC 50/60Hz
24V DC
Rated Voltage
05. "Rapid Hi-Lo" is played by holding the Test switch down
Mass(Tolerance ±10%)
1.0kg
Upright
Sideways
: 100V AC
Signal line start: 300msec or less / Power supply line start: 500msec or less
: Green
Specifications
Less than 85%RH (No condensation)
Warm-up Time
Test Play
RFT-220□-□
RFT-24□-□
Max. 12W
Max. 13W
Operating Voltage Range
Withstand Voltage
Flashing Rate
30Hz Cross direction: 2h ・ Horizontal direction: 2h ・ Vertical direction: 4h
-10℃~50℃
Upright direction mounting: 45m/s
2
Rated Power Consumption
Light source
Inverted
Indoor: ○ / Outdoor: ×
Binary input mode (Switch No. 4: ON )
CH1~6: CH input
CH7 or CH8: Sound reduction input
E : E type
B : Blue
G
Model
RFT
- 24
Mounting Direction
: Yellow
Remarks
・Conforms to the CE Requirements
・There are no contents of controlled substances exceeding the threshold for the RoHS Directive.
Vibration Resistance
D : D type
R
Model No.
Confugration
■Sound
220 : 220V AC
C : C type
A
Y
100
24
1 2 3 4
ON
1 2 3 4
ON
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com