Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKH-M1T-R Datasheet(PDF) 5 Page - PATLITE CORPORATION.

Part # SKH-M1T-R
Description  Rotating Beacons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SKH-M1T-R Datasheet(HTML) 5 Page - PATLITE CORPORATION.

  SKH-M1T-R Datasheet HTML 1Page - PATLITE CORPORATION. SKH-M1T-R Datasheet HTML 2Page - PATLITE CORPORATION. SKH-M1T-R Datasheet HTML 3Page - PATLITE CORPORATION. SKH-M1T-R Datasheet HTML 4Page - PATLITE CORPORATION. SKH-M1T-R Datasheet HTML 5Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
■
SKH-M1J□
■
SKH-M2J□
■
SKH-M1T□
■
SKH-M2T□
※
For No Buzzer Models,
do not require wiring.
[5.Wiring Example]
Drawing No.
Rev.
Page
SKH-M1J-
W18
H
【
External contact capacity of power supply line】
M1
M2
Current Capacity (Is)
3A or more
1A or more
【
External contact capacity of signal line and buzzer line】
M1
M2
Current Capacity (Is)
0.5A or more
0.5A or more
Withstand Voltage (Vs)
35V or more
20V or more
【
Fuse】
Fuse Rating
250V 1A
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com