Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKH-M2JB-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # SKH-M2JB-R
Description  Rotating Beacons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SKH-M2JB-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  SKH-M2JB-R Datasheet HTML 1Page - PATLITE CORPORATION. SKH-M2JB-R Datasheet HTML 2Page - PATLITE CORPORATION. SKH-M2JB-R Datasheet HTML 3Page - PATLITE CORPORATION. SKH-M2JB-R Datasheet HTML 4Page - PATLITE CORPORATION. SKH-M2JB-R Datasheet HTML 5Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
[1.General Specifications]
SKH-M1J
0.36kg
SKH-M2J
0.33kg
More than 3MΩ at 500V DC between live part
and non-current carrying metallic part
and non-current carrying metallic part
Insulation Resistance
-10℃ to +50℃
Storage Ambient Temperature
Storage Ambient Humidity
Indoor : Upright, Inverted & Sideways
Protection Rating
Upright
IEC/EN60947-5-1,EN62471
in indoor industrial control equipment.
UL508, CSA-C22.2 No.14 (UL File No.E215660)
0.31kg
EN61000-6-4, EN61000-6-2
Measured at 1m from the front of the Buzzer Opening
EN61000-6-4
Conforms to the UKCA Requirements
UL and Low Voltage Directive have been evaluated for use
Rotation Flashing Rate (Typ.)
88dB
120 rpm
Environmental Condition
Drawing No.
Rev.
SKH-M1J-
W18
H
Page
SPECIFICATIONS
Operating Ambient Temperature
No Buzzer
0.04A
With Buzzer
No Buzzer
With Buzzer
3.6W
Operating Ambient Humidity
Mounting Direction
Rated Current
Consumption
Rated Power
Consumption
SKH-M2□□-□
Max.
Max.
0.23A
0.15A
2.5W
0.07A
Rated Voltage
Indoor/Outdoor
Product Name
Rotating Beacons
Operating Voltage Range
Less than 90 % (No condensation)
Less than 90 % (No condensation)
0.08A
0.05A
0.37kg
without breaking insulation
240V AC
IP65(when used with SZW-103 Rubber Gasket attachment)
More than 1MΩ at 500V DC between live part
IP23(Excluding Terminal Block Opening ※1)
Outdoor : Upright
-20℃ to +60℃
100V AC
0.21A
Conformity
Standards
UL
EMC Directive
Due to the characteristics of the LED elements, there may be a slight variation in color
tone and brightness between products.
3.0W
3.3W
and non-current carrying metallic part
without breaking insulation
SKH-M2T
0.33kg
Remarks
※
1 For models with Terminal Block, additional waterproofing may be required
depending on operating environment.
Conforms to the CE Requirements
90-250V AC
Withstand Voltage
Mass (Typ.)
Sound Pressure Level (Typ.)
SKH-M1T
0.30kg
Mounting Location
SKH-M1TB
24V DC
12V DC
2.8W
500V AC applied for 1min between live part
Model
12-24V DC
10-30V DC
2.9W
0.12A
Environmental Condition
SKH-M1□□-□
100-240V AC (50/60Hz)
SKH-M2TB
0.34kg
4,000V AC applied for 1min between live part
KC
FCC
0.34kg
and non-current carrying metallic part
SKH-M2JB
SKH-M1JB
RoHS Directive
EN61000-3-2, EN61000-3-3
FCC Part15 SubpartB ClassA, ICES-003 ClassA
KN61000-6-4, KN61000-6-2
Low Voltage
Directive
EN IEC 63000
EN61000-6-2
1/5


Similar Part No. - SKH-M2JB-R

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
SKH-100EA PATLITE-SKH-100EA Datasheet
337Kb / 2P
Upright
Rev. J
SKH-100EA-B PATLITE-SKH-100EA-B Datasheet
337Kb / 2P
Upright
Rev. J
SKH-100EA-G PATLITE-SKH-100EA-G Datasheet
337Kb / 2P
Upright
Rev. J
SKH-100EA-R PATLITE-SKH-100EA-R Datasheet
337Kb / 2P
Upright
Rev. J
SKH-100EA-Y PATLITE-SKH-100EA-Y Datasheet
337Kb / 2P
Upright
Rev. J
More results

Similar Description - SKH-M2JB-R

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
Pomona Electronics
5790 POMONA-5790 Datasheet
37Kb / 1P
Rotating Micrograbber Test Clip & Kit
logo
List of Unclassifed Man...
51A-G1 ETC2-51A-G1 Datasheet
556Kb / 2P
Beacons with Horn Flashing Incandescent
logo
BOWIN ELECTRONIC CO.
LSI6015N BOWIN-LSI6015N Datasheet
93Kb / 9P
Rotating Clock
logo
List of Unclassifed Man...
LEDS100-01 ETC2-LEDS100-01 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
LED-TLM-02 ETC2-LED-TLM-02 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
logo
Schneider Electric
XVR08B06 SCHNEIDER-XVR08B06_V01 Datasheet
110Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 12, 2022
XVR12B03 SCHNEIDER-XVR12B03_V01 Datasheet
121Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 13, 2022
XVR13M04L SCHNEIDER-XVR13M04L_V01 Datasheet
128Kb / 4P
Harmony XVR Rotating Beacon Lights
Jan 13, 2022
logo
iMEX Lasers is owned by...
I88G IMEX-I88G Datasheet
553Kb / 2P
ROTATING LASER LEVEL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com