Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL08-M2KTB-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # SL08-M2KTB-R
Description  Flashing Beacons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SL08-M2KTB-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  SL08-M2KTB-R Datasheet HTML 1Page - PATLITE CORPORATION. SL08-M2KTB-R Datasheet HTML 2Page - PATLITE CORPORATION. SL08-M2KTB-R Datasheet HTML 3Page - PATLITE CORPORATION. SL08-M2KTB-R Datasheet HTML 4Page - PATLITE CORPORATION. SL08-M2KTB-R Datasheet HTML 5Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
[1.General Specifications]
Conforms to the CE Requirements
Conforms to the UKCA Requirements
IP65(when used with SZW-102 Rubber Gasket attachment)
SL08-M□KT□
IP66/NEMA TYPE 4X,13
Remarks
Insulation Resistance
KN61000-6-4, KN61000-6-2
FCC Part15 SubpartB ClassA, ICES-003 ClassA
Flashing Rate (Typ.)
More than 3MΩ at 500V DC between live part
and non-current carrying metallic part
Operating Voltage Range
Storage Ambient Temperature
Operating Ambient Temperature
Storage Ambient Humidity
Mounting Direction
Protection Rating
Environmental Condition
in indoor industrial control equipment.
-20℃ to +50℃
Mounting Location
Less than 90 % (No condensation)
Less than 90 % (No condensation)
-30℃ to +60℃
0.22A
0.12A
3.4W
3.5W
Rated Power
Consumption
Drawing No.
Rev.
SL08-M1JN-
W18
G
Page
Rated Voltage
0.05A
100-240V AC (50/60Hz)
SPECIFICATIONS
240V AC
SL08-M1□□□-□
24V DC
SL08-M2□□□-□
Flashing Beacons
10-30V DC
90-250V AC
Operating Ambient Humidity
Product Name
Model
12-24V DC
100V AC
2.9W
0.09A
FCC
RoHS Directive
and non-current carrying metallic part
SL08-M2JN
2.6W
0.08A
0.04A
0.24A
0.14A
3.1W
Measured at 1m from the front of the Buzzer Opening
Environmental Condition
UL508, CSA-C22.2 No.14 (UL File No.E215660)
Due to the characteristics of the LED elements, there may be a slight variation in color
tone and brightness between products.
EN IEC 63000
EN61000-6-2
No Buzzer
With Buzzer
Mass (Typ.)
SL08-M1JN
No Buzzer
With Buzzer
without breaking insulation
SL08-M1KTB
0.24kg
IP23
KC
Withstand Voltage
500V AC applied for 1min between live part
4,000V AC applied for 1min between live part
and non-current carrying metallic part
SL08-M2KTB
and non-current carrying metallic part
0.26kg
Sound Pressure Level (Typ.)
0.25kg
Rated Current
Consumption
EN61000-3-2, EN61000-3-3
Max.
0.28kg
SL08-M1KTN
0.23kg
More than 1MΩ at 500V DC between live part
SL08-M2KTN
Indoor : Upright, Inverted & Sideways
Max.
12V DC
Indoor/Outdoor
without breaking insulation
2.9W
Blinking (180 flashes per minute), Triple-flash(120 flashes per minute)
Upright
SL08-M□JN
Outdoor : Upright
0.27kg
86dB
Low Voltage
Directive
IEC/EN60947-5-1,EN62471
Conformity
Standards
UL
EMC Directive
EN61000-6-4
EN61000-6-4, EN61000-6-2
UL and Low Voltage Directive have been evaluated for use
1/5


Similar Part No. - SL08-M2KTB-R

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
SL0800A FARADAY-SL0800A Datasheet
41Kb / 3P
GENERAL PURPOSE VIDEO FILTERS
SL0800J FARADAY-SL0800J Datasheet
43Kb / 3P
GENERAL PURPOSE VIDEO FILTERS
SL0800JB FARADAY-SL0800JB Datasheet
35Kb / 2P
8 MHZ BOXED LOWPASS FILTERS
logo
AMETHERM Circuit Protec...
SL0810001 AMETHERM-SL0810001 Datasheet
29Kb / 1P
Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
SL0810002 AMETHERM-SL0810002 Datasheet
29Kb / 1P
Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Not Available
More results

Similar Description - SL08-M2KTB-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF3508A ETC1-HF3508A Datasheet
38Kb / 1P
Automotive Flashing Relays
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
OptoSupply Internationa...
OSB5SS3131A OPTOSUPPLY-OSB5SS3131A Datasheet
96Kb / 1P
3mm Flashing Blue LED
OSR5SS3131A OPTOSUPPLY-OSR5SS3131A Datasheet
96Kb / 1P
3mm Flashing Red LED
logo
List of Unclassifed Man...
51A-G1 ETC2-51A-G1 Datasheet
556Kb / 2P
Beacons with Horn Flashing Incandescent
logo
OptoSupply Internationa...
OSXS0805C1E OPTOSUPPLY-OSXS0805C1E Datasheet
103Kb / 1P
Single chip Flashing Type
logo
List of Unclassifed Man...
SL7-BL24-A ETC2-SL7-BL24-A Datasheet
257Kb / 3P
LED flashing light,
LEDS100-01 ETC2-LEDS100-01 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
LED-TLM-02 ETC2-LED-TLM-02 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
logo
SHENZHEN FUMAN ELECTRON...
SC0691 FUMAN-SC0691 Datasheet
72Kb / 1P
LCD driver flashing IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com