Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKH-24EA-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # SKH-24EA-R
Description  Upright
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SKH-24EA-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  SKH-24EA-R Datasheet HTML 1Page - PATLITE CORPORATION. SKH-24EA-R Datasheet HTML 2Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[General Specifications]
Conforms to the CE Requirements
 【
Model Number Configuration】
   
 
SKH-□EA-□
Flashing Rate
Mass (Tolerance ±10%)
IP23 (IEC 60529)
Upright only
Luminous Intensity (No Globe)
Environmental
Condition
The following voltage applied for 1min between
terminals and chassis without breaking insulation
Conforms to the UKCA Requirements
170 ± 25 Flashes Per Minute
More than 1MΩ at 500VDC between
the terminals and the chassis
Refer to the Outer Dimension Drawing
Remarks
Mounting Location
Mounting Direction
Indoors】 Upright ,Inverted and Sideways / 【Outdoors】 Upright
Vibration Resistance
70 m/s² (JIS D 1601-1995)
45 m/s² (JIS D 1601-1995)
Outer Dimensions
1000V AC
Protection Rating
1500V AC
Rated Voltage
100V AC (50/60Hz)
- 30 ℃ to + 80 ℃
- 30 ℃ to + 60 ℃
- 30 ℃ to + 80 ℃
- 30 ℃ to + 60 ℃
Less than 90 % (No condensation)
Operating Voltage Range
Storage Ambient Temperature
Model
Page
SPECIFICATIONS
Drawing No.
Rev.
SKH-100EA-W18
J
SKH-12EA
SKH-200EA
12V DC
200V AC (50/60Hz)
SKH-24EA
24V DC
SKH-100EA
180V ~ 220V AC
0.8 A
30 mA
20V ~ 30V DC
90V ~ 110V AC
9.6 W
6.5 W
9V ~ 16V DC
Rated Current Consumption
Rated Power Consumption
0.5 A
12.0 W
65 mA
6.2 W
Operating Ambient Temperature
Operating Ambient Humidity
Withstand Voltage
Insulation Resistance
Conformity Standards
EMC Directive (EN 61000-6-4, EN 61000-6-2)
RoHS Directive (EN IEC 63000)
Less than 90 % (No condensation)
Indoors and Outdoors
Storage Ambient Humidity
0.4 kg
0.6 kg
Bulb
12V 10W
24V 10W
12V 5W
8,000 cd
5,200 cd
3,340 cd
Base : BA15S / Bulb : G18
Globe Color / Case Color
R : Red / Red
Y : Amber / Amber
G : Green / Light Gray
B : Blue / Light Gray
Rated Voltage
12 :12V DC
24 : 24V DC
100 : 100V AC
200 : 200V AC
1/2


Similar Part No. - SKH-24EA-R

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SKH-250-4 TEC-SKH-250-4 Datasheet
527Kb / 8P
Cable Actuated Sensor CANOpen Output Signal
More results

Similar Description - SKH-24EA-R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82442A1474K EPCOS-B82442A1474K Datasheet
113Kb / 9P
Upright ferrite drum core
logo
Adam Technologies, Inc.
USB-A-S-RU-WT ADAM-TECH-USB-A-S-RU-WT Datasheet
85Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
USB-A-S-RU-WT-HT-1 ADAM-TECH-USB-A-S-RU-WT-HT-1 Datasheet
87Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
logo
Bud Industries, Inc.
E-2000 BUD-E-2000 Datasheet
104Kb / 1P
SERIES 2000 UPRIGHT CABINET RACK
60-2300 BUD-60-2300 Datasheet
100Kb / 1P
SERIES 60 UPRIGHT CABINET RACK
30-2300 BUD-30-2300 Datasheet
86Kb / 1P
SERIES 30 UPRIGHT CABINET RACK
E30-2000 BUD-E30-2000 Datasheet
89Kb / 1P
SERIES 30-2000 UPRIGHT CABINET RACK
E-2024 BUD-E-2024 Datasheet
110Kb / 1P
SERIES 2000 UPRIGHT CABINET RACK(LOUVERED)
logo
Kycon, Inc.
KUSBX-SL-CS KYCON-KUSBX-SL-CS Datasheet
600Kb / 1P
Upright USB, C Type Jack, 14Pin
logo
Pepperl+Fuchs Inc.
VAZ-TUBE400-70MM PF-VAZ-TUBE400-70MM Datasheet
247Kb / 1P
Stack light upright
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com