Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC3403D Datasheet(PDF) 1 Page - STMicroelectronics

Part # MC3403D
Description  LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC3403D Datasheet(HTML) 1 Page - STMicroelectronics

  MC3403D Datasheet HTML 1Page - STMicroelectronics MC3403D Datasheet HTML 2Page - STMicroelectronics MC3403D Datasheet HTML 3Page - STMicroelectronics MC3403D Datasheet HTML 4Page - STMicroelectronics MC3403D Datasheet HTML 5Page - STMicroelectronics MC3403D Datasheet HTML 6Page - STMicroelectronics MC3403D Datasheet HTML 7Page - STMicroelectronics MC3403D Datasheet HTML 8Page - STMicroelectronics MC3403D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
®
.
SHORT-CIRCUIT PROTECTED OUTPUTS
.
CLASS AB OUTPUT STAGE FOR MINIMAL
CROSSOVER DISTORTION
.
SINGLE SUPPLY OPERATION : + 3 V TO + 36V
.
DUAL SUPPLIES :
±1.5V TO ±18V
.
LOW INPUT BIAS CURRENT : 500nA MAX
.
INTERNALLY COMPENSATED
.
SIMILAR
PERFORMANCE
TO
POPULAR
UA741
DESCRIPTION
The MC3403 is a low-cost, quad operational ampli-
fier with true differential inputs. The device has elec-
trical characteristics similar to the popular UA741.
However the MC3403, has several distinct advan-
tages over standard operational amplifier types in
single supply applications. The quad amplifier can
operate at supply voltages as low as 3.0 volts or as
high as 36 volts with quiescent currents about one
third of those associated with the UA741 (on a per
amplifier basis). The common-mode input range in-
cludes the negative supply, thereby eliminating the
necessity for external biasing components in many
applications.
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Output 1
Inverting Input 1
Output 2
PIN CONNECTIONS (top view)
ORDER CODES
Part
Number
Temperature
Range
Package
ND
P
MC3303
–40
oC, +105oC
•••
MC3403
0
oC, +70oC
•••
MC3503
–55
oC, +125oC
•••
Example : MC3403N
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
MC3303
MC3403 - MC3503
August 1998
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
P
TSSOP14
(Thin Shrink Small Outline Package)
1/11


Similar Part No. - MC3403D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3403D ONSEMI-MC3403D Datasheet
165Kb / 8P
QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
MC3403D TI-MC3403D Datasheet
105Kb / 12P
QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
MC3403D FAIRCHILD-MC3403D Datasheet
84Kb / 10P
Quad Operational Amplifier
logo
ON Semiconductor
MC3403D ONSEMI-MC3403D Datasheet
162Kb / 9P
Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
logo
Texas Instruments
MC3403D TI-MC3403D Datasheet
359Kb / 13P
QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - MC3403D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM146 STMICROELECTRONICS-LM146 Datasheet
143Kb / 9P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-1997
MC33174-MC35174 STMICROELECTRONICS-MC33174-MC35174 Datasheet
50Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Dec-1997
MC33174 STMICROELECTRONICS-MC33174 Datasheet
83Kb / 5P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2002
TEB4033 STMICROELECTRONICS-TEB4033 Datasheet
209Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM148 STMICROELECTRONICS-LM148_02 Datasheet
97Kb / 5P
QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Mar-2002
LM146 STMICROELECTRONICS-LM146_03 Datasheet
149Kb / 4P
PROGRAMMABLE QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Apr-2003
MC3303 STMICROELECTRONICS-MC3303_01 Datasheet
316Kb / 10P
LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Nov-2001
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com