Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-KAHLB2-DM Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GW-KAHLB2-DM
Description  SOLERIQ® S 19
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-KAHLB2-DM Datasheet(HTML) 2 Page - ams-OSRAM AG

  GW-KAHLB2-DM Datasheet HTML 1Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 2Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 3Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 4Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 5Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 6Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 7Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 8Page - ams-OSRAM AG GW-KAHLB2-DM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
GW KAHLB2.DM
2 Version 1.3 | 2020-03-05
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 1050 mA
Φ
V
GW KAHLB2.DM-TPTQ-32B3
3250 K
2800 ... 3300 lm
Q65111A8208
GW KAHLB2.DM-TRTS-32B3
3250 K
3300 ... 3900 lm
Q65111A8303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com