Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-P9LR32-EM Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # GW-P9LR32-EM
Description  DURIS® S 8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-P9LR32-EM Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button GW-P9LR32-EM Datasheet HTML 9Page - ams-OSRAM AG GW-P9LR32-EM Datasheet HTML 10Page - ams-OSRAM AG GW-P9LR32-EM Datasheet HTML 11Page - ams-OSRAM AG GW-P9LR32-EM Datasheet HTML 12Page - ams-OSRAM AG GW-P9LR32-EM Datasheet HTML 13Page - ams-OSRAM AG GW-P9LR32-EM Datasheet HTML 14Page - ams-OSRAM AG GW-P9LR32-EM Datasheet HTML 15Page - ams-OSRAM AG GW-P9LR32-EM Datasheet HTML 16Page - ams-OSRAM AG GW-P9LR32-EM Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Version 1.3
GW P9LR32.EM
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
GW P9LR32.EM
0
20
40
60
80
100
120
Ts [°C]
100
200
300
400
500
600
700
800
IF [mA]
Do not use below 40 mA
2017-11-29
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com