Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDS50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MDS50
Description  DIODE / SCR MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MDS50 Datasheet(HTML) 3 Page - STMicroelectronics

  MDS50 Datasheet HTML 1Page - STMicroelectronics MDS50 Datasheet HTML 2Page - STMicroelectronics MDS50 Datasheet HTML 3Page - STMicroelectronics MDS50 Datasheet HTML 4Page - STMicroelectronics MDS50 Datasheet HTML 5Page - STMicroelectronics MDS50 Datasheet HTML 6Page - STMicroelectronics MDS50 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MDS35 / 50 / 80 Series
3/7
THERMAL RESISTANCES
PRODUCT SELECTOR
ORDERING INFORMATION
OTHER INFORMATION
Note:xxx = voltage
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
MDS35
1.00
°C/W
MDS50
0.75
MDS80
0.45
Part Number
Voltage (xxx)
Sensitivity
Package
800 V
1200 V
MDS35-xxx
X
X
50 mA
ISOTOPTM
MDS50-xxx
X
X
50 mA
MDS80-xxx
X
X
150 mA
Part Number
Marking
Weight
Base Quantity
Packing mode
MDS35-xxx
MDS35-xxx
27.0 g
10
Tube
MSDS50-xxx
MDS50-xxx
27.0 g
10
Tube
MDS80-xxx
MDS80-xxx
27.0 g
10
Tube
SCR
MODULE
SERIES
CURRENT:
35: 50A
50: 70A
80: 85A
VOLTAGE:
800: 800V
1200: 1200V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com