Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL10-M1KTB-R Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # SL10-M1KTB-R
Description  Flashing Beacons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SL10-M1KTB-R Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  SL10-M1KTB-R Datasheet HTML 1Page - PATLITE CORPORATION. SL10-M1KTB-R Datasheet HTML 2Page - PATLITE CORPORATION. SL10-M1KTB-R Datasheet HTML 3Page - PATLITE CORPORATION. SL10-M1KTB-R Datasheet HTML 4Page - PATLITE CORPORATION. SL10-M1KTB-R Datasheet HTML 5Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
[2.Model Number Configuration]
Rated Voltage
Installation・Wiring・Buzzer
LED Unit Color
12-24V DC
3-screw Mounting・Cabtyre Cord・No Buzzer
R : Red
100-240V AC
2-point Hole Type Mounting・Terminal Block・No Buzzer Y : Amber
2-point Hole Type Mounting・Terminal Block・With Buzzer G : Green
B : Blue
[mm]
JN
KTN
KTB
Drawing No.
Rev.
Page
SL10-M1JN-
W18
G
B - R
S L
- M
1 0
M1
M2
[3.Outer Dimensions]
1 K T
SL10-M1JN/SL10-M2JN
Maximum Board Thickness:8
Plain Washer(M5)
Nut(M5)
SUS
SUS
3 pcs.
3 pcs.
Accessory(Only SL10-M□JN)
Nameplate
From the cord outlet 500±30
φ
100
φ
7.7
3-M5
(SUS)
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com