Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL10-M1JN-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # SL10-M1JN-R
Description  Flashing Beacons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

SL10-M1JN-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  SL10-M1JN-R Datasheet HTML 1Page - PATLITE CORPORATION. SL10-M1JN-R Datasheet HTML 2Page - PATLITE CORPORATION. SL10-M1JN-R Datasheet HTML 3Page - PATLITE CORPORATION. SL10-M1JN-R Datasheet HTML 4Page - PATLITE CORPORATION. SL10-M1JN-R Datasheet HTML 5Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
[1.General Specifications]
0.09A
0.08A
KC
FCC
RoHS Directive
Less than 90 % (No condensation)
Outdoor : Upright
Indoor/Outdoor
Upright
Mass (Typ.)
SL10-M2JN
240V AC
0.04A
-20℃ to +50℃
2.9W
0.05A
12V DC
0.14A
100V AC
24V DC
3.1W
and non-current carrying metallic part
and non-current carrying metallic part
without breaking insulation
SL10-M1KTN
0.37kg
0.36kg
SL10-M1JN
3.4W
0.38kg
0.37kg
SL10-M2KTB
Indoor : Upright, Inverted & Sideways
0.40kg
UL508, CSA-C22.2 No.14 (UL File No.E215660)
UL
SL10-M1KTB
Environmental Condition
Environmental Condition
More than 1MΩ at 500V DC between live part
Insulation Resistance
Withstand Voltage
without breaking insulation
SL10-M2□□□-□
12-24V DC
100-240V AC (50/60Hz)
10-30V DC
90-250V AC
4,000V AC applied for 1min between live part
and non-current carrying metallic part
-30℃ to +60℃
Mounting Direction
Less than 90 % (No condensation)
0.12A
Storage Ambient Humidity
Mounting Location
2.9W
No Buzzer
With Buzzer
0.22A
3.5W
2.6W
Operating Voltage Range
Operating Ambient Temperature
Operating Ambient Humidity
Rated Current
Consumption Max.
0.24A
No Buzzer
With Buzzer
Rated Power
Consumption
Max.
Flashing Beacons
Model
SPECIFICATIONS
Rated Voltage
SL10-M1□□□-□
Product Name
Drawing No.
Rev.
SL10-M1JN-
W18
G
Page
EMC Directive
EN61000-6-4, EN61000-6-2
EN61000-6-2
EN61000-3-2, EN61000-3-3
FCC Part15 SubpartB ClassA, ICES-003 ClassA
EN61000-6-4
Conforms to the CE Requirements
Conforms to the UKCA Requirements
Due to the characteristics of the LED elements, there may be a slight variation in color
tone and brightness between products.
Remarks
Conformity
Standards
Low Voltage
Directive
UL and Low Voltage Directive have been evaluated for use
KN61000-6-4, KN61000-6-2
EN IEC 63000
Sound Pressure Level (Typ.)
More than 3MΩ at 500V DC between live part
and non-current carrying metallic part
Protection Rating
Storage Ambient Temperature
in indoor industrial control equipment.
Flashing Rate (Typ.)
Measured at 1m from the front of the Buzzer Opening
88dB
IEC/EN60947-5-1,EN62471
SL10-M□JN
IP23
IP65(when used with SZW-103 Rubber Gasket attachment)
SL10-M□KT□
IP66/NEMA TYPE 4X,13
Blinking (180 flashes per minute), Triple-flash(120 flashes per minute)
0.40kg
SL10-M2KTN
500V AC applied for 1min between live part
1/5


Similar Part No. - SL10-M1JN-R

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
SL10 BANNER-SL10 Datasheet
464Kb / 4P
SL10 Series Slot Sensor
logo
AMETHERM Circuit Protec...
SL10 10003 AMETHERM-SL10 10003 Datasheet
332Kb / 2P
Circuit Protection Thermistors
Rev: 1
SL10 2R005 AMETHERM-SL10 2R005 Datasheet
27Kb / 1P
Circuit Protection Thermistors
11/11/2008 Revison: A
logo
Lumins Inc.
SL100 LUMINIS-SL100 Datasheet
16Kb / 1P
Wall mount / Ceiling mount
logo
Rectron Semiconductor
SL100 RECTRON-SL100 Datasheet
278Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SL10-M1JN-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF3508A ETC1-HF3508A Datasheet
38Kb / 1P
Automotive Flashing Relays
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
OCXO for Cospas-Sarsat Beacons
2007-10-17
logo
OptoSupply Internationa...
OSB5SS3131A OPTOSUPPLY-OSB5SS3131A Datasheet
96Kb / 1P
3mm Flashing Blue LED
OSR5SS3131A OPTOSUPPLY-OSR5SS3131A Datasheet
96Kb / 1P
3mm Flashing Red LED
logo
List of Unclassifed Man...
51A-G1 ETC2-51A-G1 Datasheet
556Kb / 2P
Beacons with Horn Flashing Incandescent
logo
OptoSupply Internationa...
OSXS0805C1E OPTOSUPPLY-OSXS0805C1E Datasheet
103Kb / 1P
Single chip Flashing Type
logo
List of Unclassifed Man...
SL7-BL24-A ETC2-SL7-BL24-A Datasheet
257Kb / 3P
LED flashing light,
LEDS100-01 ETC2-LEDS100-01 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
LED-TLM-02 ETC2-LED-TLM-02 Datasheet
3Mb / 1P
Industrial LED ECO Beacons
logo
SHENZHEN FUMAN ELECTRON...
SC0691 FUMAN-SC0691 Datasheet
72Kb / 1P
LCD driver flashing IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com